Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
7.3 Feature Description
7.3.1 Basic ADC Functions
The INA3221 performs two measurements on up to three power supplies of interest. The voltage developed from
the load current passing through a shunt resistor creates a shunt voltage that is measured between the IN+ and
IN– pins. The device also internally measures the power-supply bus voltage at the IN– pin for each channel. The
differential shunt voltage is measured with respect to the IN– pin, and the bus voltage is measured with respect
to ground.
The INA3221 is typically powered by a separate power supply that ranges from 2.7V to 5.5V. The monitored
supply buses range from 0V to 26V.
CAUTION
Based on the fixed 8mV bus-voltage register LSB (for any channel), a full-scale register value results
in 32.76V. However, the actual voltage applied to the INA3221 input pins must not exceed 26V.
There are no special power-supply sequencing considerations between the common-mode input ranges and the
device power-supply voltage because each are independent of the other; therefore, the bus voltages can be
present with the supply voltage off and reciprocally.
The INA3221 takes two measurements for each channel: one for shunt voltage and one for bus voltage.
Each measurement can be independently or sequentially measured, based on the mode setting (bits 2-0 in
the Configuration register). When the INA3221 is in normal operating mode (that is, the MODE bits of the
Configuration register are set to 111), the device continuously converts a shunt-voltage reading followed by a
bus-voltage reading. This procedure converts one channel, and then continues to the shunt voltage reading of
the next enabled channel, followed by the bus-voltage reading for that channel, and so on, until all enabled
channels have been measured. The programmed Configuration register mode setting applies to all channels.
Any channels that are not enabled are bypassed in the measurement sequence, regardless of mode setting.
The INA3221 has two operating modes, continuous and single-shot, that determine the internal ADC operation
after these conversions complete. When the INA3221 is set to continuous mode (using the MODE bit settings),
the device continues to cycle through all enabled channels until a new configuration setting is programmed.
The Configuration register MODE control bits also enable modes to be selected that convert only the shunt or
bus voltage. This feature further allows the device to fit specific application requirements.
In single-shot (triggered) mode, setting any single-shot convert mode to the Configuration register (that is, the
Configuration register MODE bits set to 001, 010, or 011) triggers a single-shot conversion. This action produces
a single set of measurements for all enabled channels. To trigger another single-shot conversion, write to the
Configuration register a second time, even if the mode does not change. When a single-shot conversion is
initiated, all enabled channels are measured one time and then the device enters a power-down state. The
INA3221 registers can be read at any time, even while in power-down. The data present in these registers are
from the last completed conversion results for the corresponding register. The conversion ready flag bit (Mask/
Enable register, CVRF bit) helps coordinate single-shot conversions, and is especially helpful during longer
conversion time settings. The CVRF bit is set after all conversions are complete. The CVRF bit clears under the
following conditions:
1. Writing to the Configuration register, except when configuring the MODE bits for power-down mode; or
2. Reading the Mask/Enable register.
In addition to the two operating modes (continuous and single-shot), the INA3221 also has a separate selectable
power-down mode that reduces the quiescent current and turns off current into the INA3221 inputs. Power-down
mode reduces the impact of supply drain when the device is not used. Full recovery from power-down mode
requires 40µs. The INA3221 registers can be written to and read from while the device is in power-down mode.
The device remains in power-down mode until one of the active MODE settings are written to the Configuration
register.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com