Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA790B Datasheet(PDF) 33 Page - Texas Instruments

Part # INA790B
Description  INA790x –4V to 110V, Bidirectional, Ultra-Precise, Current Sense Amplifier With Enhanced PWM Rejection and 75A EZShunt™ Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA790B Datasheet(HTML) 33 Page - Texas Instruments

Back Button INA790B Datasheet HTML 29Page - Texas Instruments INA790B Datasheet HTML 30Page - Texas Instruments INA790B Datasheet HTML 31Page - Texas Instruments INA790B Datasheet HTML 32Page - Texas Instruments INA790B Datasheet HTML 33Page - Texas Instruments INA790B Datasheet HTML 34Page - Texas Instruments INA790B Datasheet HTML 35Page - Texas Instruments INA790B Datasheet HTML 36Page - Texas Instruments INA790B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
6.1
5.9
6.1
5.9
1.0
0.8
0.05
0.00
2X 2.4
.000 PKG
0
1.65
2X 0.35
2X 0.25
0.85
2X 1.45
2X 2.4
0.95
1.4 0.1
1.4 0.1
10X 0.35
0.25
4X 0.45
0.35
9X 0.35
0.25
13X 0.6
0.4
(0.1) TYP
(0.4) TYP
4X (0.3)
VQFN - 1 mm max height
DEK0015A
PLASTIC QUAD FLAT PACK - NO LEAD
4228519/B 04/2022
PIN
NUMBER
LEAD SIZE
LEAD WIDTH LEAD LENGTH
1, 6, 8 & 14
0.35 - 0.45
0.40 - 0.60
2 - 5 & 9 - 12
0.25 - 0.35
0.40 - 0.60
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
1
7
8
9
14
15
0.1
C A B
0.05
C
0.1
C A B
0.05
C
A
B
C
www.ti.com
INA790A, INA790B
SBOSAA6B – MAY 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: INA790A INA790B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com