Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA790B Datasheet(PDF) 34 Page - Texas Instruments

Part # INA790B
Description  INA790x –4V to 110V, Bidirectional, Ultra-Precise, Current Sense Amplifier With Enhanced PWM Rejection and 75A EZShunt™ Technology
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA790B Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA790B Datasheet HTML 30Page - Texas Instruments INA790B Datasheet HTML 31Page - Texas Instruments INA790B Datasheet HTML 32Page - Texas Instruments INA790B Datasheet HTML 33Page - Texas Instruments INA790B Datasheet HTML 34Page - Texas Instruments INA790B Datasheet HTML 35Page - Texas Instruments INA790B Datasheet HTML 36Page - Texas Instruments INA790B Datasheet HTML 37Page - Texas Instruments INA790B Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.000 PKG
0
8X (0.6)
13X (0.7)
9X (0.3)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
2X (
)
2.4
2X (
)
1.45
(
)
0.85
2X (
)
0.25
2X (
)
0.35
(
)
1.65
2X (
)
2.4
2X (
)
1.4
(
)
1.4
5X (
)
3.2
5X (
)
3.2
(
)
0.95
2X ( )
2
2X ( )
2
( 0.2) TYP
VIA
(R0.05) TYP
4X (0.4)
10X (0.3)
VQFN - 1 mm max height
DEK0015A
PLASTIC QUAD FLAT PACK - NO LEAD
4228519/B 04/2022
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK DETAILS
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE 12.000
1
7
8
9
14
15
METAL
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
SOLDER MASK
DEFINED
INA790A, INA790B
SBOSAA6B – MAY 2024 – REVISED JULY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA790A INA790B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com