Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152QD Datasheet(PDF) 118 Page - STMicroelectronics

Part # STM32L152QD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152QD Datasheet(HTML) 118 Page - STMicroelectronics

Back Button STM32L152QD Datasheet HTML 114Page - STMicroelectronics STM32L152QD Datasheet HTML 115Page - STMicroelectronics STM32L152QD Datasheet HTML 116Page - STMicroelectronics STM32L152QD Datasheet HTML 117Page - STMicroelectronics STM32L152QD Datasheet HTML 118Page - STMicroelectronics STM32L152QD Datasheet HTML 119Page - STMicroelectronics STM32L152QD Datasheet HTML 120Page - STMicroelectronics STM32L152QD Datasheet HTML 121Page - STMicroelectronics STM32L152QD Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
118/154
DocID022027 Rev 11
6.3.19
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 64 are guaranteed by design.
Table 63. ADC clock frequency
Symbol Parameter
Conditions
Min
Max
Unit
fADC
ADC clock
frequency
Voltage
range 1 & 2
2.4 V
≤VDDA ≤3.6 V
VREF+ = VDDA
0.480
16
MHz
VREF+ < VDDA
VREF+ > 2.4 V
8
VREF+ < VDDA
VREF+ ≤2.4 V
4
1.8 V
≤VDDA ≤2.4 V
VREF+ = VDDA
8
VREF+ < VDDA
4
Voltage range 3
4
Table 64. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
-
1.8
-
3.6
V
VREF+
Positive reference voltage
-
1.8(1)
-VDDA
VREF-
Negative reference voltage
-
-
VSSA
-
IVDDA
Current on the VDDA input pin
-
-
1000
1450
µA
IVREF(2) Current on the VREF input pin
Peak
-
400
700
Average
-
450
VAIN
Conversion voltage range(3)
-0(4)
-VREF+
V
fS
12-bit sampling rate
Direct channels
-
-
1
Msps
Multiplexed channels
-
-
0.76
10-bit sampling rate
Direct channels
-
-
1.07
Msps
Multiplexed channels
-
-
0.8
8-bit sampling rate
Direct channels
-
-
1.23
Msps
Multiplexed channels
-
-
0.89
6-bit sampling rate
Direct channels
-
-
1.45
Msps
Multiplexed channels
-
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com