Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152QD Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32L152QD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152QD Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32L152QD Datasheet HTML 116Page - STMicroelectronics STM32L152QD Datasheet HTML 117Page - STMicroelectronics STM32L152QD Datasheet HTML 118Page - STMicroelectronics STM32L152QD Datasheet HTML 119Page - STMicroelectronics STM32L152QD Datasheet HTML 120Page - STMicroelectronics STM32L152QD Datasheet HTML 121Page - STMicroelectronics STM32L152QD Datasheet HTML 122Page - STMicroelectronics STM32L152QD Datasheet HTML 123Page - STMicroelectronics STM32L152QD Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
120/154
DocID022027 Rev 11
Table 65. ADC accuracy(1)(2)
Symbol
Parameter
Test conditions
Min(3)
Typ
Max(3) Unit
ET
Total unadjusted error
2.4 V
≤VDDA ≤ 3.6 V
2.4 V
≤VREF+ ≤ 3.6 V
fADC = 8 MHz, RAIN = 50 Ω
TA = -40 to 105 ° C
-2
4
LSB
EO
Offset error
-
1
2
EG
Gain error
-
1.5
3.5
ED
Differential linearity error
-
1
2
EL
Integral linearity error
-
1.7
3
ENOB
Effective number of bits
2.4 V
≤VDDA ≤ 3.6 V
VDDA = VREF+
fADC = 16 MHz, RAIN = 50 Ω
TA = -40 to 105 ° C
Finput=10kHz
9.2
10
-
bits
SINAD
Signal-to-noise and
distortion ratio
57.5
62
-
dB
SNR
Signal-to-noise ratio
57.5
62
-
THD
Total harmonic distortion
-
-70
-65
ENOB
Effective number of bits
1.8 V
≤VDDA ≤ 2.4 V
VDDA = VREF+
fADC = 8 MHz or 4 MHz, RAIN = 50 Ω
TA = -40 to 105 ° C
Finput=10kHz
9.2
10
-
bits
SINAD
Signal-to-noise and
distortion ratio
57.5
62
-
dB
SNR
Signal-to-noise ratio
57.5
62
-
THD
Total harmonic distortion
-
-70
-65
ET
Total unadjusted error
2.4 V
≤VDDA ≤ 3.6 V
1.8 V
≤VREF+ ≤ 2.4 V
fADC = 4 MHz, RAIN = 50 Ω
TA = -40 to 105 ° C
-4
6.5
LSB
EO
Offset error
-
2
4
EG
Gain error
-
4
6
ED
Differential linearity error
-
1
2
EL
Integral linearity error
-
1.5
3
ET
Total unadjusted error
1.8 V
≤VDDA ≤ 2.4 V
1.8 V
≤VREF+ ≤ 2.4 V
fADC = 4 MHz, RAIN = 50 Ω
TA = -40 to 105 ° C
-2
3
LSB
EO
Offset error
-
1
1.5
EG
Gain error
-
1.5
2
ED
Differential linearity error
-
1
2
EL
Integral linearity error
-
1
1.5
1. ADC DC accuracy values are measured after internal calibration.
2. ADC accuracy vs. negative injection current: Injecting a negative current on any analog input pins should be avoided as
this significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to
add a Schottky diode (pin to ground) to analog pins which may potentially inject negative currents.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.13 does not affect the ADC
accuracy.
3. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com