Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO1430DWR Datasheet(PDF) 31 Page - Texas Instruments

Part # ISO1430DWR
Description  ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1430DWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO1430DWR Datasheet HTML 27Page - Texas Instruments ISO1430DWR Datasheet HTML 28Page - Texas Instruments ISO1430DWR Datasheet HTML 29Page - Texas Instruments ISO1430DWR Datasheet HTML 30Page - Texas Instruments ISO1430DWR Datasheet HTML 31Page - Texas Instruments ISO1430DWR Datasheet HTML 32Page - Texas Instruments ISO1430DWR Datasheet HTML 33Page - Texas Instruments ISO1430DWR Datasheet HTML 34Page - Texas Instruments ISO1430DWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
10.2.2.1 Data Rate and Bus Length
The RS-485 standard has typical curves similar to those shown in Figure 10-4. These curves show the inverse
relationship between signaling rate and cable length. If the data rate of the payload between two nodes is lower,
the cable length between the nodes can be longer.
Data Rate (bps)
10000
1000
100
10
100
1k
10 k
100 k
1M
10 M
100 M
Conservative
Characteristics
5%, 10%, and 20% Jitter
Figure 10-4. Cable Length vs Data Rate Characteristics
Use Figure 10-4 as a guideline for cable selection, data rate, cable length and subsequent jitter budgeting.
10.2.2.2 Stub Length
In an RS-485 network, the distance between the transceiver inputs and the cable trunk is known as the stub. The
stub should be as short as possible when a node is connected to the bus. Stubs are a non-terminated piece of
bus line that can introduce reflections of varying phase as the length of the stub increases. The electrical length,
or round-trip delay, of a stub should be less than one-tenth of the rise time of the driver as a general guideline.
Therefore, the maximum physical stub length (L(STUB)) is calculated as shown in Equation 3.
L(STUB) ≤ 0.1 × tr × v × c
(3)
where
• tr is the 10/90 rise time of the driver.
• c is the speed of light (3 × 108 m/s).
• v is the signal velocity of the cable or trace as a factor of c.
10.2.2.3 Bus Loading
The current supplied by the driver must supply into a load because the output of the driver depends on
this current. Add transceivers to the bus to increase the total bus loading. The RS-485 standard specifies a
hypothetical term of a unit load (UL) to estimate the maximum number of possible bus loads. The UL represents
a load impedance of approximately 12 kΩ. Standard-compliant drivers must be able to drive 32 of these ULs.
The ISO14xx devices have 1/8 UL impedance transceiver and can connect up to 256 nodes to the bus.
10.2.3 Application Curves
Below eye diagram of ISO145x device indicates low jitter and wide open eye at maximum data rate of 50 Mbps.
www.ti.com
ISO1450, ISO1452, ISO1410, ISO1412, ISO1430, ISO1432
SLLSF22H – APRIL 2018 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ISO1450 ISO1452 ISO1410 ISO1412 ISO1430 ISO1432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com