Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7801 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 10Page - STMicroelectronics TDA7801 Datasheet HTML 11Page - STMicroelectronics TDA7801 Datasheet HTML 12Page - STMicroelectronics TDA7801 Datasheet HTML 13Page - STMicroelectronics TDA7801 Datasheet HTML 14Page - STMicroelectronics TDA7801 Datasheet HTML 15Page - STMicroelectronics TDA7801 Datasheet HTML 16Page - STMicroelectronics TDA7801 Datasheet HTML 17Page - STMicroelectronics TDA7801 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Electrical specifications
TDA7801
14/48
DocID022674 Rev 4
EIN
Output noise voltage
GV = GV1
GV = GV2
GV = GV3
GV = GV4
Bw =20 Hz to 20 kHz, un
weighted
-
25
25
19
19
35
35
26
26
µV
SNR
Signal to noise ratio
GV = GV1
GV = GV2
GV = GV3
GV = GV4
Bw=20 Hz to 20 kHz, un
weighted
111
105
105
100
115
109
109
104
-dB
GB
Gain balance
-1
-
+1
dB
SVR
Supply voltage rejection
f = 1 kHz;
Vr = 1 Vpk;
50
70
-
dB
ISB
Stand-by current
Vpin ENABLE = 0v
-
-
10
µA
AM
Mute attenuation
-
80
-
dB
VOS
Offset voltage
Mute & Play
-50
-
50
mV
VAM
Supply automute range
Above this voltage the device is
in play
7.8
-
-
V
Below this voltage the device is
in mute
--
6.8
V
VPOWONRESET
Supply voltage of power-on
reset
--
4.5
5
V
VOVERVOLTAGE Over voltage shut-down
-
18
24
V
CDLK
Clip det high Leakage current CD off
-
0
5
µA
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
150
300
mV
CD1THD
Clip det THD level 1 %
-
-
1
2
%
CD2THD
Clip det THD level 5 %
-
3
5
7
%
CD3THD
Clip det THD level 10 %
-
7
10
13
%
Tmute
Mute and unmute
commutation time
Programmable by I2C bus
register IB1(6:4)
Fs =44.1 kHz
-1.45
-
ms
-5.8
-
-11.6-
-23.2
-
-34.8
-
-69.6
-
-140
-
-278
-
NGL
Noise gating input level
Under this level the device is in
mute
--102
-
dB
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com