Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7801 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 22Page - STMicroelectronics TDA7801 Datasheet HTML 23Page - STMicroelectronics TDA7801 Datasheet HTML 24Page - STMicroelectronics TDA7801 Datasheet HTML 25Page - STMicroelectronics TDA7801 Datasheet HTML 26Page - STMicroelectronics TDA7801 Datasheet HTML 27Page - STMicroelectronics TDA7801 Datasheet HTML 28Page - STMicroelectronics TDA7801 Datasheet HTML 29Page - STMicroelectronics TDA7801 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Functional description
TDA7801
26/48
DocID022674 Rev 4
channel(s) concerned are shut down. The diagnostic performs restart cycles every
1 ms until a fault condition is present. The amplifier restarts in play only once the
overload is removed.
DIagnostic mode, (D6-IB0='1'). It is enabled via I2C bus and self activates if an output
overload (so as to cause the intervention of the short-circuit protection) occurs to the
speakers outputs. Once activated, the diagnostics procedure develops as below:
–
The diagnostic performs 1 restart cycle in order to avoid momentary re-circulation
spikes which could give erroneous diagnostic results. If normal situation (no
overloads) is detected the channel returns active.
–
Instead, if after 1 restart cycle an overload is detected then the diagnostic circuit
performs a plateau cycle.
–
After the plateau cycle, the fault audio channel generates restart cycles every
1 ms until a fault condition is present. The relevant data acquired during plateau
cycle are stored and can be read by the microprocessor. A new plateau cycle can
be activated by an I2C reading only if the fault condition persists. This is to ensure
continuous diagnostics throughout the car-radio operating time.
The diagnostic performs another plateau cycle after each I2C bus registers read if the
diagnostic bit is activated, (IB0-d7="1"). If I2C read is performed during the diagnostic
permanent plateau cycle then, once the short is removed, the amplifier waits for another I2C
read before starting to play again, in order to communicate the diagnostic plateau cycle
results.
6.4
AC diagnostic
It is targeted at detecting accidental disconnection of tweeters in 2-way speaker and, more
in general, presence of capacitive (AC) coupled loads. This diagnostic is based on the
notion that the overall speaker's impedance (woofer + parallel tweeter) will tend to increase
towards high frequencies if the tweeter gets disconnected, because the remaining speaker
(woofer) would be out of its operating range (high impedance).
To determine the load impedance, a sinewave tone at a suitable (F > 10 kHz or even
ultrasonic) frequency should be fed to the output pins. Depending on the test's result the AC
diagnostic is able to determine if the tweeter is connected or not. The tweeter is not
connected if for four consecutive sine wave the current threshold on the load is not res-
passed.
AC diagnostic is managed by I2C commands. The AC diagnostic is enabled by bit D7 of
register IB4, while the bit D6 is used to choose the current level threshold. The result of AC
test are stored in the data register DB4 (bits D7:D4) which are set to logic level '1' if a
tweeter is detected on the correspondent channel.
Note, the results on D7:D4 are valid only if the bit D3 is zero; in order to avoid this condition
the pulse generated has to respect the condition Vout_peak < Vbattery-4V.
6.5
Output DC offset detection
Any DC output offset exceeding ± VO are signalled out. This inconvenient might occur as a
consequence of improper DC input signal. The offset detection is performed at the end of
the digital chain by a low pass digital filter. The offset detection is permanent, and also works
in play mode. The results of the DC offset detection are obtained from the right pin for each
channel (see I2C table in Section 9); the bits are continuously refreshed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com