Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7801 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7801
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7801 Datasheet HTML 18Page - STMicroelectronics TDA7801 Datasheet HTML 19Page - STMicroelectronics TDA7801 Datasheet HTML 20Page - STMicroelectronics TDA7801 Datasheet HTML 21Page - STMicroelectronics TDA7801 Datasheet HTML 22Page - STMicroelectronics TDA7801 Datasheet HTML 23Page - STMicroelectronics TDA7801 Datasheet HTML 24Page - STMicroelectronics TDA7801 Datasheet HTML 25Page - STMicroelectronics TDA7801 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
"PLL-filter /enable" pin description
TDA7801
22/48
DocID022674 Rev 4
5
"PLL-filter /enable" pin description
5.1
Functionality
The pin 2 has the functions to:
ENABLE
PLL filter
When the pin 2 is set to logic level low the TDA7801 is in standby-mode and the current
consumption is ISB. The device is waked-up and put in tristate-mode setting the same pin to
logic level high. In tristate-mode the TDA7801 is ready to receive I2C bus instructions. The
device is set in amplifier-mode writing '1' on bit D7 of byte IB1.
In amplifier-mode the PIN2 works as PLL filter pin. The TDA7801 will place this pin to have
a precise voltage value.
During the transition from amplifier-mode to standby-mode, the device will try to force the
Pin2 level sourcing a current IILENB.
5.2
Driving
In Figure 26 an applicative schematic to drive the Pin 2 is reported. In the schematic, it is
supposed that the TDA7801 is interfaced with a µP.
Figure 26. Standby driving circuit
The Rf and Cf components are respectively resistance and capacitance of the PLL filter. The
resistance R1 and diode 1N4848 allows the Pin 2 to force to logic level low and the
TDA7801 to force its voltage level in amplifier-mode. During the transition amplifier-
mode/standby-mode the TDA7801 tries to forces the voltage on the PLL/Enable by sourcing
a current flow. Since the PLL/ENABLE pin is forced at a voltage lower than VILENB in the
above described conditions, the buffer input resistance should be chosen small enough to
take this effect into account.
It’s important to keep the PLL-Filter ground as close as possible to digital ground in the
application board in order to minimize the PLL reference movement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com