Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNH2SP30-E Datasheet HTML 1Page - STMicroelectronics VNH2SP30-E Datasheet HTML 2Page - STMicroelectronics VNH2SP30-E Datasheet HTML 3Page - STMicroelectronics VNH2SP30-E Datasheet HTML 4Page - STMicroelectronics VNH2SP30-E Datasheet HTML 5Page - STMicroelectronics VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
January 2017
DocID10832 Rev 10
1/35
VNH2SP30-E
Automotive fully integrated H-bridge motor driver
Datasheet
- production data
Features
 AEC-Q100 qualified
 5 V logic level compatible inputs
 Undervoltage and overvoltage shutdown
 Overvoltage clamp
 Thermal shutdown
 Cross-conduction protection
 Linear current limiter
 Very low standby power consumption
 PWM operation up to 20 kHz
 Protection against loss of ground and loss of
VCC
 Current sense output proportional to motor
current
 Package: ECOPACK®
Description
The VNH2SP30-E is a full bridge motor driver
intended for a wide range of automotive
applications. The device incorporates a dual
monolithic high side driver and two low side
switches. The high side driver switch is designed
using STMicroelectronics well known and proven
proprietary VIPower™ M0 technology which
permits efficient integration on the same die of a
true power MOSFET with intelligent
signal/protection circuitry.
The low side switches are vertical MOSFETs
manufactured using STMicroelectronics
proprietary EHD (STripFET™) process. The three
die are assembled in a MultiPowerSO-30
package on electrically isolated leadframes. This
package, specifically designed for the harsh
automotive environments, offers improved
thermal performance thanks to exposed die pads.
Moreover, its fully symmetrical mechanical design
allows superior manufacturability at board level.
The input signals INA and INB can directly
interface with the microcontroller to select the
motor direction and brake condition. The
DIAGA/ENA or DIAGB/ENB, when connected to an
external pull-up resistor, enable one leg of the
bridge. They also provide a feedback digital
diagnostic signal. The normal operating condition
is explained in the truth table. The motor current
can be monitored with the CS pin by delivering a
current proportional to its value. The speed of the
motor can be controlled in all possible conditions
by the PWM up to 20 kHz. In all cases, a low level
state on the PWM pin will turn off both the LSA
and LSB switches. When PWM rises to a high
level, LSA or LSB turn on again depending on the
input pin state.
Type
RDS(on)
Iout
Vccmax
VNH2SP30-E
19 mΩ max
(per leg)
30 A
41 V
MultiPowerSO-30
™
Table 1. Device summary
Package
Order code
Tape and reel
MultiPowerSO-30
VNH2SP30TR-E
www.st.com


Similar Part No. - VNH2SP30-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH2SP30-E STMICROELECTRONICS-VNH2SP30-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VNH2SP30-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com