Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 6Page - STMicroelectronics VNH2SP30-E Datasheet HTML 7Page - STMicroelectronics VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics VNH2SP30-E Datasheet HTML 10Page - STMicroelectronics VNH2SP30-E Datasheet HTML 11Page - STMicroelectronics VNH2SP30-E Datasheet HTML 12Page - STMicroelectronics VNH2SP30-E Datasheet HTML 13Page - STMicroelectronics VNH2SP30-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical specifications
VNH2SP30-E
10/35
DocID10832 Rev 10
Table 8. PWM
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Vpwl
PWM low level voltage
1.25
V
Ipwl
PWM pin current
Vpw = 1.25V
1
µA
Vpwh
PWM high level voltage
3.25
V
Ipwh
PWM pin current
Vpw = 3.25V
10
µA
Vpwhhyst PWM hysteresis voltage
0.5
V
Vpwcl
PWM clamp voltage
Ipw = 1mA
VCC + 0.3 VCC + 0.7 VCC + 1.0
Ipw = -1mA
-6.0
-4.5
-3.0
CINPWM
PWM pin input
capacitance
VIN = 2.5V
25
pF
Table 9. Switching (VCC = 13 V, RLOAD = 0.87  , unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
f
PWM frequency
0
20
kHz
td(on)
Turn-on delay time
Input rise time < 1µs
(see Figure 6)
250
µs
td(off)
Turn-off delay time
Input rise time < 1µs
(see Figure 6)
250
tr
Rise time
(see Figure 5)1
1.6
tf
Fall time
(see Figure 5)1.2
2.4
tDEL
Delay time during change
of operating mode
(see Figure 4)
300
600
1800
trr
High side free wheeling
diode reverse recovery
time
(see Figure 7)
110
ns
toff(min)(1)
1. To avoid false short to battery detection during PWM operation, the PWM signal must be low for a time
longer than 6 µs.
PWM minimum off time
9V < VCC < 16V; Tj = 25°C;
L = 250µH; IOUT = 15A
6µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com