Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH2SP30-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 8Page - STMicroelectronics VNH2SP30-E Datasheet HTML 9Page - STMicroelectronics VNH2SP30-E Datasheet HTML 10Page - STMicroelectronics VNH2SP30-E Datasheet HTML 11Page - STMicroelectronics VNH2SP30-E Datasheet HTML 12Page - STMicroelectronics VNH2SP30-E Datasheet HTML 13Page - STMicroelectronics VNH2SP30-E Datasheet HTML 14Page - STMicroelectronics VNH2SP30-E Datasheet HTML 15Page - STMicroelectronics VNH2SP30-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical specifications
VNH2SP30-E
12/35
DocID10832 Rev 10
Figure 4. Definition of the delay times measurement
Table 11. Current sense (9 V < VCC < 16 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
K1
IOUT/ISENSE
IOUT = 30A; RSENSE = 1.5k;
Tj = -40 to 150°C
9665 11370 13075
K2
IOUT/ISENSE
IOUT = 8A; RSENSE = 1.5k;
Tj = -40 to 150°C
9096 11370 13644
dK1 / K1(1)
1. Analog sense current drift is deviation of factor K for a given device over (-40 °C to 150 °C and 9
V < VCC < 16 V) with respect to its value measured at Tj = 25°C, VCC = 13 V.
Analog sense current drift
IOUT = 30A; RSENSE = 1.5k;
Tj = -40 to 150°C
-8
+8
%
dK2 / K2(1) Analog sense current drift
IOUT > 8A; RSENSE = 1.5k;
Tj = -40 to 150°C
-10
+10
ISENSEO
Analog sense leakage
current
IOUT = 0A; VSENSE = 0V;
Tj = -40 to 150°C
065
µA
t
t
VINB
VINA
t
PWM
t
ILOAD
tDEL
tDEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com