Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 3Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 4Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 5Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DocID15701 Rev 11
7/38
VNH5019A-E
Block diagram and pin description
38
)
6
CS_DIS
Active high CMOS compatible pin to disable the current sense
pin
4INA
Clockwise input. CMOS compatible
7
PWM
PWM input. CMOS compatible.
8CS
Output of current sense. This output delivers a current
proportional to the motor current, if CS_DIS is low or left open.
The information can be read back as an analog voltage across
an external resistor.
9ENB/DIAGB
Status of high-side and low-side switches B; Open drain output.
This pin must be connected to an external pull up resistor. When
externally pulled low, it disables half-bridge B. In case of fault
detection (thermal shutdown of a high-side FET or excessive
ON-state voltage drop across a low-side FET), this pin is pulled
low by the device (see Table 13: Truth table in fault conditions
(detected on OUTA).
10
INB
Counter clockwise input. CMOS compatible
11
CP
Connection to the gate of the external MOS used for the reverse
battery protection
15, 16, 21
OUTB,
Heat Slug3
Source of high-side switch B / drain of low-side switch B, power
connection to the motor
26, 27, 28
GNDA
Source of low-side switch A and power ground(1)
18, 19, 20
GNDB
Source of low-side switch B and power ground(1)
1. GNDA and GNDB must be externally connected together
Table 3. Block descriptions(1)
Name
Description
Logic control
Allows the turn-on and the turn-off of the high-side and the
low-side switches according to the Table 12.
Overvoltage + undervoltage
Shut down the device outside the range [4.5 V to 24 V] for the
battery voltage.
High-side, low-side and clamp
voltage
Protect the high-side and the low-side switches from the
high-voltage on the battery line in all configuration for the motor.
High-side and low-side driver
Drive the gate of the concerned switch to allow a proper RDS(on)
for the leg of the bridge.
Linear current limiter
Limits the motor current, by reducing the high-side switch
gate-source voltage when short-circuit to ground occurs.
High-side and low-side
overtemperature protection
In case of short-circuit with the increase of the junction
temperature, it shuts down the concerned driver to prevent its
degradation and to protect the die.
Low-side overload detector
Detects when low-side current exceeds shutdown current and
latches off the concerned low-side.
Table 2. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com