Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNH5019ATR-E Datasheet HTML 1Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 2Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 3Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 4Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 5Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
June 2017
DocID15701 Rev 11
1/38
VNH5019A-E
Automotive fully integrated H-bridge motor driver
Datasheet
- production data
Features
 AEC-Q100 qualified
 ECOPACK®: lead free and RoHS
compliant
 Output current: 30 A
 3 V CMOS compatible inputs
 Undervoltage and overvoltage shutdown
 High-side and low-side thermal shutdown
 Cross-conduction protection
 Current limitation
 Very low standby power consumption
 PWM operation up to 20 kHz
 Protection against:
 Loss of ground and loss of VCC
 Current sense output proportional to motor
current
 Charge pump output for reverse polarity
protection
 Output protected against short to ground and
short to VCC
Description
The VHN5019A-E is a full bridge motor driver
intended for a wide range of automotive
applications. The device incorporates a dual
monolithic high-side drivers and two low-side
switches. The high-side driver switch is designed
using STMicroelectronics’ well known and proven
proprietary VIPower® M0 technology that allows
to efficiently integrate on the same die a true
Power MOSFET with an intelligent
signal/protection circuit.
The three dice are assembled in a
MultiPowerSO-30 package on electrically isolated
lead-frames. This package, specifically designed
for harsh automotive environments offers
improved thermal performance thanks to exposed
die pads. The input signals INA and INB can
directly interface the microcontroller to select the
motor direction and the brake condition.
The DIAGA/ENA or DIAGB/ENB, when connected
to an external pull-up resistor, enables one leg of
the bridge. It also provides a feedback digital
diagnostic signal. The CS pin allows to monitor
the motor current by delivering a current
proportional to its value when CS_DIS pin is
driven low or left open. The PWM, up to 20 KHz,
lets us control the speed of the motor in all
possible conditions. In all cases, a low-level state
on the PWM pin turns off both the LSA and LSB
switches. When PWM rises to a high-level, LSA or
LSB turns on again depending on the input pin
state. Output current limitation and thermal
shutdown protect the concerned high-side in
short to ground condition.
The short to battery condition is revealed by the
overload detector or by thermal shutdown that
latches off the relevant low-side.
Active VCC pin voltage clamp protects the device
against low energy spikes in all configurations for
the motor. The CP pin provides the necessary
gate drive for an external N-channel PowerMOS
used for reverse polarity protection.
Type
RDS(on)
Iout
Vccmax
VNH5019A-E
18 m
 typ
per leg)
30 A
41 V
MultiPowerSO-30™
www.st.com


Similar Part No. - VNH5019ATR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
More results

Similar Description - VNH5019ATR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com