Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNHD7012AY Datasheet(PDF) 6 Page - STMicroelectronics

Part # VNHD7012AY
Description  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 2Page - STMicroelectronics VNHD7012AY Datasheet HTML 3Page - STMicroelectronics VNHD7012AY Datasheet HTML 4Page - STMicroelectronics VNHD7012AY Datasheet HTML 5Page - STMicroelectronics VNHD7012AY Datasheet HTML 6Page - STMicroelectronics VNHD7012AY Datasheet HTML 7Page - STMicroelectronics VNHD7012AY Datasheet HTML 8Page - STMicroelectronics VNHD7012AY Datasheet HTML 9Page - STMicroelectronics VNHD7012AY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
Block diagram and pin description
VNHD7012AY
6/43
DS11484 Rev 5
1
Block diagram and pin description
Figure 1. Block diagram
Table 1. Block description
Name
Description
Logic control
Allows the turn-on and the turn-off of the high-side and the
low-side switches according to the truth table.
Undervoltage (US)
Shuts down the device for battery voltage below (4 V).
High-side and low-side clamp voltage
Protect the high-side and the low-side switches from the high
voltage on the battery line.
High-side and low-side driver
Drive the gate of the concerned switch to allow a proper Ron
for the leg of the bridge.
Current limitation
Limits the motor current in case of short circuit.
High-side overtemperature protection
In case of short-circuit with the increase of the junction
temperature, it shuts down the concerned driver to prevent
degradation and to protect the die.
VDS_MONITORING
Protection of LSD powers against short to battery failure
VREG
Internal voltage regulator that provides the supply for the
gates of the external low-side switches
Fault detection
Signalizes an abnormal condition of the power stage (output
shorted to ground or output shorted to battery) by a feedback
on the MultiSense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com