Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNHD7012AY Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNHD7012AY
Description  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 5Page - STMicroelectronics VNHD7012AY Datasheet HTML 6Page - STMicroelectronics VNHD7012AY Datasheet HTML 7Page - STMicroelectronics VNHD7012AY Datasheet HTML 8Page - STMicroelectronics VNHD7012AY Datasheet HTML 9Page - STMicroelectronics VNHD7012AY Datasheet HTML 10Page - STMicroelectronics VNHD7012AY Datasheet HTML 11Page - STMicroelectronics VNHD7012AY Datasheet HTML 12Page - STMicroelectronics VNHD7012AY Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DS11484 Rev 5
9/43
VNHD7012AY
Electrical specifications
42
2
Electrical specifications
Figure 3. Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 4 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Bridge supply voltage
38
V
VBAT
Maximum battery voltage(1)
-16 to 38
V
Imax
DC output current
Internally
limited
A
IR
Reverse output current (continuous)(2)
30
A
IIN
Input current (INA and INB pins)
-1 to 10
mA
ISEL
SEL0,1 DC input current
-1 to 10
mA
IPWM
PWM Input current
-1 to 10
mA
IMultiSense_EN
SenseEnable DC input current
-1 to 1.5
mA
IMultiSense
MultiSense pin DC output current (VGND = VCC and VSENSE < 0 V)
10
mA
MultiSense pin DC output current in reverse (VCC < 0 V)
-20
mA
VREG
VREG DC voltage
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com