Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNHD7012AY Datasheet(PDF) 18 Page - STMicroelectronics

Part # VNHD7012AY
Description  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 14Page - STMicroelectronics VNHD7012AY Datasheet HTML 15Page - STMicroelectronics VNHD7012AY Datasheet HTML 16Page - STMicroelectronics VNHD7012AY Datasheet HTML 17Page - STMicroelectronics VNHD7012AY Datasheet HTML 18Page - STMicroelectronics VNHD7012AY Datasheet HTML 19Page - STMicroelectronics VNHD7012AY Datasheet HTML 20Page - STMicroelectronics VNHD7012AY Datasheet HTML 21Page - STMicroelectronics VNHD7012AY Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Electrical specifications
VNHD7012AY
18/43
DS11484 Rev 5
Figure 4. TDSTKON
tDSENSE2L
VSENSE_TC settling
time from rising
edge of VSENSE_EN
VSENSE_EN = 5 V to 0 V;
VSEL0 = 0 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
20
µs
MultiSense timings (VCC voltage sensor mode)
tDSENSE3H
VSENSE_VCC settling
time from rising
edge of VSENSE_EN
VSENSE_EN = 0 V to 5 V;
VSEL0 = 5 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
60
µs
tDSENSE3L
VSENSE_VCC settling
time from rising
edge of VSENSE_EN
VSENSE_EN = 5 V to 0 V;
VSEL0 = 5 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
20
µs
1. Analog sense current drift is deviation of factor K for a given device over (-40°C to 150°C and 9 V < VCC < 18 V) with
respect to its value measured at Tj = 25 °C, VCC = 13 V.
2. Parameter guaranteed by design and characterization; not subject to production test.
Table 11. MultiSense (7 V < VCC < 18 V; -40 °C < Tj < 150 °C) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com