Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDXV4UG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESDXV4UG Datasheet HTML 2Page - NXP Semiconductors PESDXV4UG Datasheet HTML 3Page - NXP Semiconductors PESDXV4UG Datasheet HTML 4Page - NXP Semiconductors PESDXV4UG Datasheet HTML 5Page - NXP Semiconductors PESDXV4UG Datasheet HTML 6Page - NXP Semiconductors PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors PESDXV4UG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PESDXV4UF_G_W_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 January 2008
6 of 16
NXP Semiconductors
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
For PESDxV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
VCL
clamping voltage
[1][2][3]
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
IPP = 1 A
--9
V
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
IPP = 2 A
--11
V
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
IPP = 1 A
--11
V
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
IPP = 1.7 A
-
-
13
V
rdif
differential resistance
IR =1mA
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
-
-
200
Ω
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
-
-
100
Ω
Table 9.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
Fig 3.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical values
006aaa261
tp (µs)
1104
103
10
102
10
102
PPP
(W)
1
Tj (°C)
0
200
150
50
100
001aaa633
0.4
0.8
1.2
PPP
0
PPP(25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com