Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA186A1IDDFRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA186A1IDDFRG4
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A1IDDFRG4 Datasheet(HTML) 3 Page - Texas Instruments

  INA186A1IDDFRG4 Datasheet HTML 1Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 2Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 3Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 4Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 5Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 6Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 7Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 8Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
5 Pin Configuration and Functions
1
REF
6
OUT
2
GND
5
IN±
3
VS
4
IN+
Not to scale
Figure 5-1. DCK Package 6-Pin SC70 Top View
1
2
3
A
B
Not to scale
IN+
VS
OUT
IN±
GND
ENABLE
Figure 5-2. YFD Package 6-Pin DSBGA Top View
1
VS
8
IN±
2
ENABLE
7
IN+
3
REF
6
NC
4
GND
5
OUT
Not to scale
Figure 5-3. DDF Package 8-Pin SOT-23 Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DCK
(SC70)
DDF
(SOT-23)
YFD
(DSBGA)
ENABLE
—
2
B3
Digital input
Enable Pin. When this pin is driven to VS, the device is on and functions
as a current sense amplifier. When this pin is driven to GND, the device
is off, the supply current is reduced, and the output is placed in a high-
impedance state. This pin must be driven externally, or connected to VS if
not used. DDF and YFD packages only.
GND
2
4
B2
Analog
Ground
IN–
5
8
B1
Analog input
Current-sense amplifier negative input. For high-side applications,
connect to load side of sense resistor. For low-side applications, connect
to ground side of sense resistor.
IN+
4
7
A1
Analog input
Current-sense amplifier positive input. For high-side applications, connect
to bus voltage side of sense resistor. For low-side applications, connect to
load side of sense resistor.
NC
—
6
—
—
No internal connection. Can be left floating, grounded, or connected to
supply.
OUT
6
5
A3
Analog output
OUT pin. This pin provides an analog voltage output that is the gained up
voltage difference from the IN+ to the IN– pins, and is offset by the voltage
applied to the REF pin.
REF
1
3
—
Analog input
Reference input. Enables bidirectional current sensing with an externally
applied voltage. DCK and DDF packages only. Devices without a REF pin
have the REF node grounded internally.
VS
3
1
A2
Analog
Power supply, 1.7 V to 5.5 V
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com