Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA186A1IDDFRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA186A1IDDFRG4
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A1IDDFRG4 Datasheet(HTML) 1 Page - Texas Instruments

  INA186A1IDDFRG4 Datasheet HTML 1Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 2Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 3Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 4Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 5Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 6Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 7Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 8Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range,
Current-Sense Amplifier With Enable
1 Features
• Wide common-mode voltage range, VCM:
–0.2 V to +40 V
• Low input bias currents, IIB: 500 pA (typical)
(enables microamp current measurement)
• Low power:
– Low supply voltage, VS: 1.7 V to 5.5 V
– Low quiescent current, IQ: 48 µA (typical)
• Accuracy:
– Common-mode rejection ratio: 120 dB
(minimum)
– Gain error, EG: ±1% (maximum)
– Gain drift: 10 ppm/°C (maximum)
– Offset voltage, VOS: ±50 μV (maximum)
– Offset drift: 0.5 μV/°C (maximum)
• Bidirectional current sensing capability
• Gain options:
– INA186A1: 25 V/V
– INA186A2: 50 V/V
– INA186A3: 100 V/V
– INA186A4: 200 V/V
– INA186A5: 500 V/V
2 Applications
• Standard notebook PC
• Smartphone
• Consumer battery charger
• Baseband unit (BBU)
• Merchant network and server PSU
• Battery test
3 Description
The INA186 is a low-power, voltage-output, current-
sense amplifier (also called a current-shunt monitor).
This device is commonly used for overcurrent
protection, precision current measurement for system
optimization, or in closed-loop feedback circuits. The
INA186 can sense drops across shunts at common-
mode voltages from –0.2 V to +40 V, independent of
the supply voltage.
The low input bias current of the INA186 permits the
use of larger current-sense resistors, thus providing
accurate current measurements in the microamp
range. The low offset voltage of the zero-drift
architecture extends the dynamic range of the current
measurement. This feature allows for smaller sense
resistors with lower power loss, while still providing
accurate current measurements.
The INA186 operates from a single 1.7-V to 5.5-V
power supply, and draws a maximum of 90 μA of
supply current . Five fixed gain options are available:
25 V/V, 50 V/V, 100 V/V, 200 V/V, or 500 V/V. The
device is specified over the operating temperature
range of –40°C to +125°C, and offered in SC70,
SOT-23-THIN, and DSBGA packages. The SC70 and
SOT-23 (DDF) packages support bidirectional current
measurement, whereas the DSBGA package only
supports current measurement in one direction.
Table 3-1. Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA186
SC70 (6)
2.00 mm × 1.25 mm
SOT-23 (8)
2.90 mm × 1.60 mm
DSBGA (6)
1.17 mm × 0.765 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
ADC
ENABLE
(1)
VS
OUT
REF
(2)
GND
IN+
IN±
LOAD
Microcontroller
Supply Voltage
1.7 V to 5.5 V
Bus Voltage
±0.2 V to +40 V
0.5 nA
(typ)
0.5 nA
(typ)
0.1 …F
RSENSE
INA186
(1) The ENABLE pin is available only
in the DDF and YFD packages.
(2) The REF pin is available only in
the DDF and DCK packages.
Typical Application
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA186A1IDDFRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA186A1IDDFR TI1-INA186A1IDDFR Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA186A1IDDFR TI-INA186A1IDDFR Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
More results

Similar Description - INA186A1IDDFRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
INA190 TI1-INA190_19 Datasheet
1Mb / 41P
Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
INA191 TI1-INA191_19 Datasheet
759Kb / 30P
Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier
INA186 TI1-INA186_V01 Datasheet
1Mb / 38P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
INA190 TI1-INA190_V01 Datasheet
1Mb / 45P
INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
2019
INA186 TI-INA186_V02 Datasheet
2Mb / 46P
INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
REVISED JULY 2021
INA190-EP TI-INA190-EP Datasheet
1Mb / 37P
INA190-EP Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current Sense Amp With Enable
MAY 2022
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com