Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA186A1IDDFRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA186A1IDDFRG4
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A1IDDFRG4 Datasheet(HTML) 5 Page - Texas Instruments

  INA186A1IDDFRG4 Datasheet HTML 1Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 2Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 3Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 4Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 5Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 6Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 7Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 8Page - Texas Instruments INA186A1IDDFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN–, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2, and VENABLE = VS (unless otherwise
noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection ratio
VSENSE = 0 mV, VIN+ = –0.1 V to 40 V, TA = –40°C to +125°C
120
150
dB
VOS
Offset voltage, RTI(1)
VS = 1.8 V, VSENSE = 0 mV
–3
±50
µV
dVOS/dT Offset drift, RTI
VSENSE = 0 mV, TA = –40°C to +125°C
0.05
0.5
µV/°C
PSRR
Power-supply rejection ratio,
RTI
VSENSE = 0 mV, VS = 1.7 V to 5.5 V
–1
±10
µV/V
IIB
Input bias current
VSENSE = 0 mV
0.5
3
nA
IIO
Input offset current
VSENSE = 0 mV
±0.07
nA
OUTPUT
G
Gain
A1 devices
25
V/V
A2 devices
50
A3 devices
100
A4 devices
200
A5 devices
500
EG
Gain error
VOUT = 0.1 V to VS – 0.1 V
–0.04%
±1%
Gain error drift
TA = –40°C to +125°C
2
10 ppm/°C
Nonlinearity error
VOUT = 0.1 V to VS – 0.1 V
±0.01%
RVRR
Reference voltage rejection
ratio
VREF = 100 mV to VS – 100 mV,
TA = –40°C to +125°C
±2
±10
µV/V
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT
VSP
Swing to VS power-supply rail
VS = 1.8 V, RL = 10 kΩ to GND, TA = –40°C to +125°C
(VS) – 20
(VS) – 40
mV
VSN
Swing to GND
VS = 1.8 V, RL = 10 kΩ to GND, TA = –40°C to +125°C,
VSENSE = –10 mV, VREF = 0 V
(VGND) + 0.05
(VGND) + 1
mV
VZL
Zero current output voltage
VS = 1.8 V, RL = 10 kΩ to GND,
TA = –40°C to +125°C, VSENSE = 0 mV, VREF = 0 V
(VGND) + 2
(VGND) + 10
mV
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices, CLOAD = 10 pF
45
kHz
A2 devices, CLOAD = 10 pF
37
A3 devices, CLOAD = 10 pF
35
A4 devices, CLOAD = 10 pF
33
A5 devices, CLOAD = 10 pF
27
SR
Slew rate
VS = 5.0 V, VOUT = 0.5 V to 4.5 V
0.3
V/µs
tS
Settling time
From current step to within 1% of final value
30
µs
NOISE, RTI(1)
Voltage noise density
75
nV/√Hz
ENABLE
IEN
Leakage input current
0 V ≤ VENABLE ≤ VS
1
100
nA
VIH
High-level input voltage
DDF Package
0.7 × VS
6
V
VIL
Low-level input voltage
0
0.3 × VS
V
VHYS
Hysteresis
300
mV
VIH
High-level input voltage
YFD package
1.35
5.5
V
VIL
Low-level input voltage
0
0.4
V
VHYS
Hysteresis
100
mV
IODIS
Output leakage disabled
VS = 5.0 V, VOUT = 0 V to 5.0 V, VENABLE = 0 V
1
5
µA
POWER SUPPLY
IQ
Quiescent current
VS = 1.8 V, VSENSE = 0 mV
48
65
µA
VS = 1.8 V, VSENSE = 0 mV, TA = –40°C to +125°C
90
µA
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com