Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF412MJ/883 Datasheet(PDF) 18 Page - Texas Instruments

Part # LF412MJ/883
Description  LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF412MJ/883 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LF412MJ/883 Datasheet HTML 12Page - Texas Instruments LF412MJ/883 Datasheet HTML 13Page - Texas Instruments LF412MJ/883 Datasheet HTML 14Page - Texas Instruments LF412MJ/883 Datasheet HTML 15Page - Texas Instruments LF412MJ/883 Datasheet HTML 16Page - Texas Instruments LF412MJ/883 Datasheet HTML 17Page - Texas Instruments LF412MJ/883 Datasheet HTML 18Page - Texas Instruments LF412MJ/883 Datasheet HTML 19Page - Texas Instruments LF412MJ/883 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
www.ti.com
PACKAGE OUTLINE
C
.305-.335
[7.75-8.51]
.165-.185
[4.19-4.70]
.010-.040
[0.25-1.02]
SEATING PLANE
.040 MAX
[1.02]
.335-.370
[8.51-9.40]
.110-.160
[2.79-4.06]
.028-.034
[0.71-0.86]
.500 MIN
[12.7]
.225
[5.72]
8X
.016-.021
[0.41-0.53]
.200
[5.08]
.100
[2.54]
UNCONTROLLED
LEAD DIA
.055[1.397] MAX
.029-.045
[0.74-1.14]
45 TYP
TO-CAN - 5.72 mm max height
LMC0008A
TRANSISTOR OUTLINE
4220610/B 09/2024
NOTES:
1. All linear dimensions are in inches [millimeters]. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Pin numbers shown for reference only. Numbers may not be marked on package.
4. Reference JEDEC registration MO-002/TO-99.
MAX
.010 [0.25]
C A
1
2
3
4
5
6
7
8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com