Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF412MJ/883 Datasheet(PDF) 3 Page - Texas Instruments

Part # LF412MJ/883
Description  LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF412MJ/883 Datasheet(HTML) 3 Page - Texas Instruments

  LF412MJ/883 Datasheet HTML 1Page - Texas Instruments LF412MJ/883 Datasheet HTML 2Page - Texas Instruments LF412MJ/883 Datasheet HTML 3Page - Texas Instruments LF412MJ/883 Datasheet HTML 4Page - Texas Instruments LF412MJ/883 Datasheet HTML 5Page - Texas Instruments LF412MJ/883 Datasheet HTML 6Page - Texas Instruments LF412MJ/883 Datasheet HTML 7Page - Texas Instruments LF412MJ/883 Datasheet HTML 8Page - Texas Instruments LF412MJ/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LF412QML
www.ti.com
SNOSAO7A – DECEMBER 2010 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
±18V
Differential Input Voltage
±30V
Input voltage Range(2)
±15V
Output Short Circuit Duration(3)
Continuous
TO-99 Package
800mW
Power Dissipation(4)
CDIP Package
800mW
TJmax
150°C
TO-99 Package (Still Air)
160°C/W
TO-99 Package (500 LF/Min Air Flow)
83°C/W
θJA
CDIP Package (Still Air)
122°C/W
Thermal Resistance
CDIP Package (500 LF/Min Air Flow)
66°C/W
TO-99 Package
38°C/W
θJC
CDIP Package
15°C/W
Supply voltage Range
±5V to ±15V
Operating Temperature Range
−55°C ≤ TA ≤ 125°C
Storage Temperature Range
−65°C ≤ TA ≤ 150°C
Lead Temperature Soldering (10 Sec)
260°C
ESD Tolerance(5)
1,700V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
(3)
Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be simultaneously shorted as the
maximum junction temperature will be exceeded.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(5)
Human body model, 1.5 k
Ω in series with 100 pF.
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LF412QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com