Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM340 Datasheet HTML 29Page - Texas Instruments LM340 Datasheet HTML 30Page - Texas Instruments LM340 Datasheet HTML 31Page - Texas Instruments LM340 Datasheet HTML 32Page - Texas Instruments LM340 Datasheet HTML 33Page - Texas Instruments LM340 Datasheet HTML 34Page - Texas Instruments LM340 Datasheet HTML 35Page - Texas Instruments LM340 Datasheet HTML 36Page - Texas Instruments LM340 Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
.003 MAX
[0.07]
ALL AROUND
.003 MIN
[0.07]
ALL AROUND
3X (.110)
[2.8]
3X (.039)
[1]
2X (.100 )
[2.54]
(.305 )
[7.74]
(.059 )
[1.49]
(.479
)
[12.16]
(.229 )
[5.81]
(.400
)
[10.16]
(.328 )
[8.32]
(R.002 ) TYP
[0.05]
(.002 )
[0.05]
2X
(.054 )
[1.37]
(.177)
[4.5]
4X (.047)
[1.2]
(
.008) TYP VIA
[0.2]
8X (.046 )
[1.18]
6X (.050 )
[1.27]
4219861/A 01/2022
TO-220 - 4.69 mm max height
NDG0003F
TRANSISTOR OUTLINE
NON SOLDER MASK
DEFINED
SOLDER MASK
DEFINED
SOLDER MASK DETAILS
NOTES: (continued)
3. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature numbers
SLMA002(www.ti.com/lit/slm002) and SLMA004 (www.ti.com/lit/slma004).
4. Vias are optional depending on application, refer to device data sheet. It is recommended that vias under paste be filled, plugged or tented.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 5X
PKG
PKG
SYMM
1
2
3
METAL EDGE
SOLDER MASK
OPENING
EXPOSED
METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com