Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM340 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM340
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM340 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM340 Datasheet HTML 8Page - Texas Instruments LM340 Datasheet HTML 9Page - Texas Instruments LM340 Datasheet HTML 10Page - Texas Instruments LM340 Datasheet HTML 11Page - Texas Instruments LM340 Datasheet HTML 12Page - Texas Instruments LM340 Datasheet HTML 13Page - Texas Instruments LM340 Datasheet HTML 14Page - Texas Instruments LM340 Datasheet HTML 15Page - Texas Instruments LM340 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
12
LM340, LM340A, LM7805, LM7812, LM7815
SNOSBT0L – FEBRUARY 2000 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM340 and LM7805 devices are a family of fixed output positive voltage regulators with outputs ranging from
3 V to 15 V. They accept up to 35 V of input voltage and with proper heat dissipation can provide over 1.5 A of
current. With a combination of current limiting, thermal shutdown, and safe area protection, these regulators
eliminate any concern of damage. These features paired with excellent line and load regulation make the LM340
and LM7805 Family versatile solutions to a wide range of power management designs. Although the LM340 and
LM7805 Family were designed primarily as fixed-voltage regulators, these devices can be used with external
component for adjustable voltage and current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Output Current
With proper considerations, the LM340 and LM7805 Family can exceed 1.5-A output current. Depending on the
desired package option, the effective junction-to-ambient thermal resistance can be reduced through heat
sinking, allowing more power to be dissipated in the device.
7.3.2 Current Limiting Feature
In the event of a short circuit at the output of the regulator, each device has an internal current limit to protect it
from damage. The typical current limits for the LM340 and LM7805 Family is 2.4 A.
7.3.3 Thermal Shutdown
Each package type employs internal current limiting and thermal shutdown to provide safe operation area
protection. If the junction temperature is allowed to rise to 150°C, the device will go into thermal shutdown.
7.4 Device Functional Modes
There are no functional modes for this device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com