Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2212 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 6Page - NXP Semiconductors LPC2212 Datasheet HTML 7Page - NXP Semiconductors LPC2212 Datasheet HTML 8Page - NXP Semiconductors LPC2212 Datasheet HTML 9Page - NXP Semiconductors LPC2212 Datasheet HTML 10Page - NXP Semiconductors LPC2212 Datasheet HTML 11Page - NXP Semiconductors LPC2212 Datasheet HTML 12Page - NXP Semiconductors LPC2212 Datasheet HTML 13Page - NXP Semiconductors LPC2212 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
10 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
P3[3]/A3
81
O
External memory address line 3.
P3[4]/A4
80
O
External memory address line 4.
P3[5]/A5
74
O
External memory address line 5.
P3[6]/A6
73
O
External memory address line 6.
P3[7]/A7
72
O
External memory address line 7.
P3[8]/A8
71
O
External memory address line 8.
P3[9]/A9
66
O
External memory address line 9.
P3[10]/A10
65
O
External memory address line 10.
P3[11]/A11
64
O
External memory address line 11.
P3[12]/A12
63
O
External memory address line 12.
P3[13]/A13
62
O
External memory address line 13.
P3[14]/A14
56
O
External memory address line 14.
P3[15]/A15
55
O
External memory address line 15.
P3[16]/A16
53
O
External memory address line 16.
P3[17]/A17
48
O
External memory address line 17.
P3[18]/A18
47
O
External memory address line 18.
P3[19]/A19
46
O
External memory address line 19.
P3[20]/A20
45
O
External memory address line 20.
P3[21]/A21
44
O
External memory address line 21.
P3[22]/A22
41
O
External memory address line 22.
P3[23]/A23/XCLK
40
O
A23 — External memory address line 23.
O
XCLK — Clock output.
P3[24]/CS3
36
O
LOW-active Chip Select 3 signal.
(Bank 3 addresses range 0x8300 0000 to 0x83FF FFFF)
P3[25]/CS2
35
O
LOW-active Chip Select 2 signal.
(Bank 2 addresses range 0x8200 0000 to 0x82FF FFFF)
P3[26]/CS1
30
O
LOW-active Chip Select 1 signal.
(Bank 1 addresses range 0x8100 0000 to 0x81FF FFFF)
P3[27]/WE
29
O
LOW-active Write enable signal.
P3[28]/BLS3/AIN7
28
O
BLS3 — LOW-active Byte Lane Select signal (Bank 3).
I
AIN7 — ADC, input 7. This analog input is always connected to its pin.
P3[29]/BLS2/AIN6
27
O
BLS2 — LOW-active Byte Lane Select signal (Bank 2).
I
AIN6 — ADC, input 6. This analog input is always connected to its pin.
P3[30]/BLS1
97
O
LOW-active Byte Lane Select signal (Bank 1).
P3[31]/BLS0
96
O
LOW-active Byte Lane Select signal (Bank 0).
n.c.
22
Pin not connected.
RESET
135
I
external reset input; a LOW on this pin resets the device, causing I/O ports
and peripherals to take on their default states, and processor execution to
begin at address 0. TTL with hysteresis, 5 V tolerant.
XTAL1
142
I
input to the oscillator circuit and internal clock generator circuits.
XTAL2
141
O
output from the oscillator amplifier.
Table 3.
Pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com