Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2212 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2212 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button LPC2212 Datasheet HTML 27Page - NXP Semiconductors LPC2212 Datasheet HTML 28Page - NXP Semiconductors LPC2212 Datasheet HTML 29Page - NXP Semiconductors LPC2212 Datasheet HTML 30Page - NXP Semiconductors LPC2212 Datasheet HTML 31Page - NXP Semiconductors LPC2212 Datasheet HTML 32Page - NXP Semiconductors LPC2212 Datasheet HTML 33Page - NXP Semiconductors LPC2212 Datasheet HTML 34Page - NXP Semiconductors LPC2212 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
LPC2212_2214_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 3 January 2008
31 of 45
NXP Semiconductors
LPC2212/2214
16/32-bit ARM microcontrollers
8.1 Power consumption measurements for LPC2212/01 and LPC2214/01
The power consumption measurements represent typical values for the given conditions.
The peripherals were enabled through the PCONP register, but for these measurements,
the peripherals were not configured to run. Peripherals were disabled through the PCONP
register. For a description of the PCONP register refer to the
LPC2114/2124/2212/2214
User Manual.
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄
4;
Tamb =25 °C; core voltage 1.8 V.
Fig 5.
Typical LPC2212/01 and LPC2214/01 IDD(act) measured at different frequencies
002aad140
12
20
28
36
44
52
60
all peripherals disabled
all peripherals enabled
0
10
20
30
40
50
frequency (MHz)
IDD(act)
(mA)
Test conditions: Active mode entered executing code from on-chip flash; PCLK = CCLK
⁄4;
Tamb = 25 °C; core voltage 1.8 V; all peripherals enabled.
Fig 6.
Typical LPC2212/01 and LPC2214/01 IDD(act) measured at different voltages
002aad142
5
15
25
35
45
55
1.65
1.80
1.95
12 MHz
48 MHz
60 MHz
voltage (V)
IDD(act)
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com