Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43601PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # LM43601PWPR
Description  LM43601 3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43601PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM43601PWPR Datasheet HTML 17Page - Texas Instruments LM43601PWPR Datasheet HTML 18Page - Texas Instruments LM43601PWPR Datasheet HTML 19Page - Texas Instruments LM43601PWPR Datasheet HTML 20Page - Texas Instruments LM43601PWPR Datasheet HTML 21Page - Texas Instruments LM43601PWPR Datasheet HTML 22Page - Texas Instruments LM43601PWPR Datasheet HTML 23Page - Texas Instruments LM43601PWPR Datasheet HTML 24Page - Texas Instruments LM43601PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
FB
RFBT
RFBB
CFF
VOUT
10000
100000
1000000
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
6.8
7.0
VIN (V)
Load = 0.01 A
Load = 0.1 A
Load = 0.5 A
Load = 1 A
C001
21
LM43601
www.ti.com
SNVSA44B – AUGUST 2014 – REVISED JANUARY 2018
Product Folder Links: LM43601
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 42. Switching Frequency Decreases in Dropout Operation
VOUT = 5 V, FS = 1 MHz
7.3.9 Internal Compensation and CFF
The LM43601 is internally compensated with RC = 400 kΩ and CC = 50 pF as shown in Functional Block
Diagram. The internal compensation is designed such that the loop response is stable over the entire operating
frequency and output voltage range. Depending on the output voltage, the compensation loop phase margin can
be low with all ceramic capacitors. TI recommends an external feed-forward capacitor, CFF, be placed in parallel
with the top resistor divider, RFBT, for optimum transient performance.
Figure 43. Feed-Forward Capacitor for Loop Compensation
The feed-forward capacitor CFF in parallel with RFBT places an additional zero before the cross over frequency of
the control loop to boost phase margin. The zero frequency can be found by
fZ-CFF = 1 / (2π × RFBT × CFF)
(8)
An additional pole is also introduced with CFF at the frequency of
fP-CFF = 1 / (2π × CFF × ( RFBT // RFBB))
(9)
Select the CFF so that the bandwidth of the control loop without the CFF is centered between fZ-CFF and fP-CFF. The
zero fZ-CFF adds phase boost at the crossover frequency and improves transient response. The pole fP-CFF helps
maintaining proper gain margin at frequency beyond the crossover.
Designs with different combinations of output capacitors need different CFF. Different types of capacitors have
different equivalent series resistance (ESR). Ceramic capacitors have the smallest ESR and require the most
CFF. Electrolytic capacitors have much larger ESR and the ESR zero frequency
fZ-ESR = 1 / (2π × ESR × COUT)
(10)
would be low enough to boost the phase up around the crossover frequency. Designs using mostly electrolytic
capacitors at the output may not require any CFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com