Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43601PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # LM43601PWPR
Description  LM43601 3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43601PWPR Datasheet(HTML) 4 Page - Texas Instruments

  LM43601PWPR Datasheet HTML 1Page - Texas Instruments LM43601PWPR Datasheet HTML 2Page - Texas Instruments LM43601PWPR Datasheet HTML 3Page - Texas Instruments LM43601PWPR Datasheet HTML 4Page - Texas Instruments LM43601PWPR Datasheet HTML 5Page - Texas Instruments LM43601PWPR Datasheet HTML 6Page - Texas Instruments LM43601PWPR Datasheet HTML 7Page - Texas Instruments LM43601PWPR Datasheet HTML 8Page - Texas Instruments LM43601PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
LM43601
SNVSA44B – AUGUST 2014 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: LM43601
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input voltages
VIN to PGND
–0.3
42
V
EN to PGND
–0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
–0.3
3.6
PGOOD to AGND
–0.3
15
SYNC to AGND
–0.3
5.5
BIAS to AGND
–0.3
30
AGND to PGND
–0.3
0.3
Output voltages
SW to PGND
–0.3
VIN + 0.3
V
SW to PGND less than 10-ns transients
–3.5
42
CBOOT to SW
–0.3
5.5
VCC to AGND
–0.3
3.6
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Recommended Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific
performance limits. For ensured specifications, see Electrical Characteristics.
(2)
Whichever is lower Electrical Characteristics.
6.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input voltages
VIN to PGND
3.5
36
V
EN
–0.3
VIN
FB
–0.3
1.1
PGOOD
–0.3
12
BIAS input not used
–0.3
0.3
BIAS input used
3.3
VIN or 28
(2)
AGND to PGND
–0.1
0.1
Output voltage
VOUT
1
28
V
Output current
IOUT
0
1
A
Temperature
Operating junction temperature range, TJ
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com