Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM43601PWPR Datasheet(PDF) 36 Page - Texas Instruments

Part # LM43601PWPR
Description  LM43601 3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM43601PWPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM43601PWPR Datasheet HTML 32Page - Texas Instruments LM43601PWPR Datasheet HTML 33Page - Texas Instruments LM43601PWPR Datasheet HTML 34Page - Texas Instruments LM43601PWPR Datasheet HTML 35Page - Texas Instruments LM43601PWPR Datasheet HTML 36Page - Texas Instruments LM43601PWPR Datasheet HTML 37Page - Texas Instruments LM43601PWPR Datasheet HTML 38Page - Texas Instruments LM43601PWPR Datasheet HTML 39Page - Texas Instruments LM43601PWPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
Time (200 µs/DIV)
VOUT (200 mV/DIV)
VDROP_ON_0.75Ÿ_LOAD
(750 mV/DIV)
IL (1 A/DIV)
0
0.2
0.4
0.6
0.8
1
1.2
50
60
70
80
90
100
110
120
Temperature (
ƒC)
R,JA = 10
ƒC/W
R,JA = 20
ƒC/W
R,JA = 30
ƒC/W
C001
4.80
4.85
4.90
4.95
5.00
5.05
5.10
5.15
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
C014
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.0
5.5
6.0
6.5
VIN (V)
Load = 0.25A
Load = 0.5A
Load = 0.75A
Load = 1A
C024
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
Load Current (A)
VIN = 8V
VIN = 12V
VIN = 18V
VIN = 24V
VIN = 28V
VIN = 36V
C004
SW
CBOOT
VCC
BIAS
RT
FB
LM43601
VOUT
RFBT
RFBB
CBIAS
2.2 µF
1 µF
0.47 µF
L=56 µH
150 µF
68 pF
1 M
Ÿ
255
k
Ÿ
CFF
COUT
CBOOT
CVCC
200
k
Ÿ
RT
VOUT = 5 V FS = 200 kHz
36
LM43601
SNVSA44B – AUGUST 2014 – REVISED JANUARY 2018
www.ti.com
Product Folder Links: LM43601
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
See Table 2 for bill of materials for each VOUT and FS combination. Unless otherwise stated, application performance curves
were taken at TA = 25°C.
VOUT = 5 V
FS = 200 kHz
VIN = 12 V
Figure 65. BOM for VOUT = 5 V FS = 200 kHz
VOUT = 5 V
FS = 200 kHz
Figure 66. Efficiency
VOUT = 5 V
FS = 200 kHz
Figure 67. Output Voltage Regulation
VOUT = 5 V
FS = 200 kHz
Figure 68. Dropout Curve
VOUT = 5 V
FS = 200 kHz
VIN = 12 V
Figure 69. Load Transient Between 0.1 A and 1 A
VOUT = 5 V
FS = 200 kHz
Figure 70. Derating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com