Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5175PWPR Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 19Page - Texas Instruments LM5175PWPR Datasheet HTML 20Page - Texas Instruments LM5175PWPR Datasheet HTML 21Page - Texas Instruments LM5175PWPR Datasheet HTML 22Page - Texas Instruments LM5175PWPR Datasheet HTML 23Page - Texas Instruments LM5175PWPR Datasheet HTML 24Page - Texas Instruments LM5175PWPR Datasheet HTML 25Page - Texas Instruments LM5175PWPR Datasheet HTML 26Page - Texas Instruments LM5175PWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
SENSE(BOOST)
L(PEAK )
170 mV 70%
R
8.2 m
I
u
:
SENSE(BUCK)
OUT(MAX)
76 mV 70%
R
8.8 m
I
u
:
23
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
The maximum RMS current occurs at D = 0.5, which gives ICIN(RMS) = IOUT/2 = 3 A. A combination of ceramic and
bulk capacitors should be used to provide short path for high di/dt current and to reduce the output voltage ripple.
The complete schematic in Figure 24 is a good starting point for CIN for typical applications.
9.2.2.7 Sense Resistor (RSENSE)
The current sense resistor between the CS and CSG pins should be selected to ensure that current limit is set
high enough for both buck and boost modes of operation. For the buck operation, the current limit resistor is
given by:
(22)
For the boost mode of operation, the current limit resistor is given by:
(23)
The closest standard value of RSENSE = 8 mΩ is selected based on the boost mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com