Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5175PWPR Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5175PWPR Datasheet HTML 5Page - Texas Instruments LM5175PWPR Datasheet HTML 6Page - Texas Instruments LM5175PWPR Datasheet HTML 7Page - Texas Instruments LM5175PWPR Datasheet HTML 8Page - Texas Instruments LM5175PWPR Datasheet HTML 9Page - Texas Instruments LM5175PWPR Datasheet HTML 10Page - Texas Instruments LM5175PWPR Datasheet HTML 11Page - Texas Instruments LM5175PWPR Datasheet HTML 12Page - Texas Instruments LM5175PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
VIN (V)
0
5
10
15
20
25
30
35
40
45
0
0.2
0.4
0.6
0.8
1
D006
BIAS = 12V
BIAS = 0V
VIN (V)
0
5
10
15
20
25
30
35
40
45
1.4
1.6
1.8
2
2.2
2.4
D007
BIAS = 12V
BIAS = 0V
RT (k:)
0
50
100
150
200
250
300
100
200
300
400
500
600
D004
VIN (V)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
D002
VIN (V)
5
10
15
20
25
30
35
40
45
93
94
95
96
97
98
99
D009
LOAD CURRENT (A)
0
1
2
3
4
5
6
80
85
90
95
100
D008
VIN=6V
VIN=12V
VIN=24V
9
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C, unless otherwise stated.
VOUT=12 V
Fsw=300 kHz
L1=4.7 μH
IOUT=3 A
Figure 1. Efficiency vs VIN
VOUT =12 V
Fsw=300 kHz
L1=4.7 μH
Figure 2. Efficiency vs Load
Figure 3. Oscillator Frequency
Figure 4. VCC vs VIN
Figure 5. IIN Standby
Figure 6. IIN Operating vs VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com