Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5175PWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5175PWPR
Description  LM5175 42-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5175PWPR Datasheet(HTML) 3 Page - Texas Instruments

  LM5175PWPR Datasheet HTML 1Page - Texas Instruments LM5175PWPR Datasheet HTML 2Page - Texas Instruments LM5175PWPR Datasheet HTML 3Page - Texas Instruments LM5175PWPR Datasheet HTML 4Page - Texas Instruments LM5175PWPR Datasheet HTML 5Page - Texas Instruments LM5175PWPR Datasheet HTML 6Page - Texas Instruments LM5175PWPR Datasheet HTML 7Page - Texas Instruments LM5175PWPR Datasheet HTML 8Page - Texas Instruments LM5175PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
4
5
6
8
7
3
2
1
SLOPE
SS
COMP
FB
AGND
RT
DITH
MODE
22
21
20
19
18
17
16
15
LDRV1
BIAS
VCC
PGND
LDRV2
BOOT2
HDRV2
SW2
LM5175
QFN-28
VIN
EN/UVLO
SLOPE
SS
COMP
FB
AGND
RT
ISNS(+)
ISNS(±)
VOSNS
DITH
MODE
VISNS
2
1
7
8
9
11
10
6
14
13
12
5
4
3
28
27
26
25
24
23
22
21
20
19
18
16
15
17
SW1
HDRV1
BOOT1
LDRV1
BIAS
VCC
PGND
LDRV2
BOOT2
HDRV2
SW2
CS
CSG
PGOOD
LM5175
HTSSOP-28
3
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
HTSSOP-28
PWP Package
Top View
QFN-28
RHF Package
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com