Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D30X Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 66Page - STMicroelectronics SPC560D30X Datasheet HTML 67Page - STMicroelectronics SPC560D30X Datasheet HTML 68Page - STMicroelectronics SPC560D30X Datasheet HTML 69Page - STMicroelectronics SPC560D30X Datasheet HTML 70Page - STMicroelectronics SPC560D30X Datasheet HTML 71Page - STMicroelectronics SPC560D30X Datasheet HTML 72Page - STMicroelectronics SPC560D30X Datasheet HTML 73Page - STMicroelectronics SPC560D30X Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 82 page
background image
Electrical characteristics
SPC560D30x, SPC560D40x
70/82
DS6494 Rev 8
Figure 23. DSPI modified transfer format timing – slave, CPHA = 1
Figure 24. DSPI PCS strobe (PCSS) timing
4.18.3
JTAG characteristics
5
6
9
12
11
10
Last Data
Last Data
SIN
SOUT
SS
First Data
First Data
Data
Data
SCK Input
SCK Input
(CPOL = 0)
(CPOL = 1)
Note: Numbers shown reference Table 44.
PCSx
7
8
PCSS
Note: Numbers shown reference Table 44.
Table 45. JTAG characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tJCYC
CC
D
TCK cycle time
83.33
—
—
ns
2tTDIS
CC
D
TDI setup time
15
—
—
ns
3tTDIH
CC
D
TDI hold time
5
—
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com