Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D30X Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPC560D30X Datasheet HTML 8Page - STMicroelectronics SPC560D30X Datasheet HTML 9Page - STMicroelectronics SPC560D30X Datasheet HTML 10Page - STMicroelectronics SPC560D30X Datasheet HTML 11Page - STMicroelectronics SPC560D30X Datasheet HTML 12Page - STMicroelectronics SPC560D30X Datasheet HTML 13Page - STMicroelectronics SPC560D30X Datasheet HTML 14Page - STMicroelectronics SPC560D30X Datasheet HTML 15Page - STMicroelectronics SPC560D30X Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
Package pinouts and signal descriptions
SPC560D30x, SPC560D40x
12/82
DS6494 Rev 8
3.6
Functional ports
The functional port pins are listed in Table 6.
Table 5. System pin descriptions
Port
pin
Function
I/O
direction
Pad
type
RESET
configuration
Pin number
LQFP64 LQFP100
RESET
Bidirectional reset with Schmitt-Trigger
characteristics and noise filter
I/O
M
Input, weak
pull-up only
after PHASE2
917
EXTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode. Analog input for the clock generator
when the oscillator is in bypass mode(1)
I/O
X
Tristate
27
36
XTAL
Analog input of the oscillator amplifier
circuit. Needs to be grounded if oscillator is
used in bypass mode(1)
I
X
Tristate
25
34
1. Refer to the relevant section of the device datasheet.
Table 6. Functional port pin descriptions
Port pin
PCR
Alternate
function(1)
Function
Peripheral
I/O
direction(2)
Pad
type
Pin number
LQFP64 LQFP100
Port A
PA[0]
PCR[0]
AF0
AF1
AF2
AF3
—
GPIO[0]
E0UC[0]
CLKOUT
E0UC[13]
WKPU[19](3)
SIUL
eMIOS_0
CGL
eMIOS_0
WKPU
I/O
I/O
O
I/O
I
M
Tristate
5
12
PA[1]
PCR[1]
AF0
AF1
AF2
AF3
—
—
GPIO[1]
E0UC[1]
—
—
NMI(4)
WKPU[2](3)
SIUL
eMIOS_0
—
—
WKPU
WKPU
I/O
I/O
—
—
I
I
S
Tristate
4
7
PA[2]
PCR[2]
AF0
AF1
AF2
AF3
—
GPIO[2]
E0UC[2]
—
MA[2]
WKPU[3](3)
SIUL
eMIOS_0
—
ADC
WKPU
I/O
I/O
—
O
I
S
Tristate
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com