Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L7 Datasheet(PDF) 66 Page - STMicroelectronics

Part # SPC563M64L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 62Page - STMicroelectronics SPC563M64L7 Datasheet HTML 63Page - STMicroelectronics SPC563M64L7 Datasheet HTML 64Page - STMicroelectronics SPC563M64L7 Datasheet HTML 65Page - STMicroelectronics SPC563M64L7 Datasheet HTML 66Page - STMicroelectronics SPC563M64L7 Datasheet HTML 67Page - STMicroelectronics SPC563M64L7 Datasheet HTML 68Page - STMicroelectronics SPC563M64L7 Datasheet HTML 69Page - STMicroelectronics SPC563M64L7 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 128 page
background image
Pinout and signal description
SPC563M64x, SPC563M60x
66/128
DocID14642 Rev 12
Table 7 gives the power/ground segmentation of the SPC563Mx MCU. Each segment
provides the power and ground for the given set of I/O pins, and can be powered by any of
the allowed voltages regardless of the power on the other segments.
.
NMI
SIU – External
Interrupts
Non-Maskable Interrupt
GPIO[n]
SIU – GPIO
Configurable general purpose I/O pins. Each GPIO input and
output is separately controlled by an 8-bit input (GPDI) or
output (GPDO) register. Additionally, each GPIO pins is
configured using a dedicated SIU_PCR register.
The GPIO pins are generally multiplexed with other I/O pin
functions.
RESET
SIU – Reset
The RESET pin is an active low input. The RESET pin is
asserted by an external device during a power-on or external
reset. The internal reset signal asserts only if the RESET pin
asserts for 10 clock cycles. Assertion of the RESET pin while
the device is in reset causes the reset cycle to start over.
The RESET pin has a glitch detector which detects spikes
greater than two clock cycles in duration that fall below the
switch point of the input buffer logic of the VDDEH input pins.
The switch point lies between the maximum VIL and minimum
VIH specifications for the VDDEH input pins.
RSTOUT
SIU – Reset
The RSTOUT pin is an active low output that uses a push/pull
configuration. The RSTOUT pin is driven to the low state by the
MCU for all internal and external reset sources. There is a
delay between initiation of the reset and the assertion of the
RSTOUT pin.
Table 6. Signal details (continued)
Signal
Module or Function
Description
Table 7. SPC563Mx Power/Ground Segmentation
Power
Segment
144-LQFP Pin
Number
176-LQFP Pin
Number
Voltage
Range(1)
I/O Pins Powered
by Segment
VDDA0
6
6
5.0 V
AN[0:7], AN[9], AN[11], AN[16:18],
AN[21:25], AN[27:28], AN[30:37], AN38,
AN39, VRL, REFBYPC,
VRH
VDDEH1 (a, b)
24, 34
31, 41
3.3 V – 5.0 V
PCKCFG[2],
eTPU_A[0:31],
eMIOS[0:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com