Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L7 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC563M64L7
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L7 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC563M64L7 Datasheet HTML 82Page - STMicroelectronics SPC563M64L7 Datasheet HTML 83Page - STMicroelectronics SPC563M64L7 Datasheet HTML 84Page - STMicroelectronics SPC563M64L7 Datasheet HTML 85Page - STMicroelectronics SPC563M64L7 Datasheet HTML 86Page - STMicroelectronics SPC563M64L7 Datasheet HTML 87Page - STMicroelectronics SPC563M64L7 Datasheet HTML 88Page - STMicroelectronics SPC563M64L7 Datasheet HTML 89Page - STMicroelectronics SPC563M64L7 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
86/128
DocID14642 Rev 12
RPUPD5K
CC
D
Weak Pull-Up/Down
Resistance(26)
5 k
 Option
5 V ± 5%
supply
1.4
—
7.5
k
TA (TL to TH)SR
—
Operating temperature
range - ambient
(packaged)
—–40.0
—
125.0
C
—SR
—
Slew rate on power
supply pins
——
—
50
V/ms
1.
VDDE must be lower than VRC33, otherwise there is additional leakage on pins supplied by VDDE.
2.
These specifications apply when VRC33 is supplied externally, after disabling the internal regulator (VDDREG = 0).
3.
ADC is functional with 4 V
V
DDA  4.75 V but with derated accuracy. This means the ADC will continue to function at full
speed with no bad behavior, but the accuracy will be degraded.
4.
Internal structures hold the input voltage less than VDDA + 1.0 V on all pads powered by VDDA supplies, if the maximum
injection current specification is met (3 mA for all pins) and VDDA is within the operating voltage specifications.
5.
The VDDF supply is connected to VDD in the package substrate. This specification applies to calibration package devices
only.
6.
VFLASH is only available in the calibration package.
7.
Regulator is functional, with derated performance, with supply voltage down to 4.0 V.
8.
Multi-voltage pads (type pad_multv_hv) must be supplied with a power supply between 4.75 V and 5.25 V.
9.
The slew rate (SRC) setting must be 0b11 when in low-swing mode.
10. While in low-swing mode there are no restrictions in transitioning to high-swing mode.
11. Pin in low-swing mode can accept a 5 V input.
12. Pin in low-swing mode can accept a 5 V input.
13. Characterization based capability:
IOH_S = {6, 11.6} mA and IOL_S = {9.2, 17.7} mA for {slow, medium} I/O with VDDEH=4.5 V;
IOH_S = {2.8, 5.4} mA and IOL_S = {4.2, 8.1} mA for {slow, medium} I/O with VDDEH=3.0 V
14. Characterization based capability:
IOH_F = {12, 20, 30, 40} mA and IOL_F = {24, 40, 50, 65} mA for {00, 01,10, 11} drive mode with VDDE=3.0 V;
IOH_F = {7, 13, 18, 25} mA and IOL_F = {18, 30, 35, 50} mA for {00, 01, 10, 11} drive mode with VDDE=2.25 V;
IOH_F = {3, 7, 10, 15} mA and IOL_F = {12, 20, 27, 35} mA for {00, 01, 10, 11} drive mode with VDDE=1.62 V
15. All VOL/VOH values 100 % tested with ± 2 mA load.
16. Run mode as follows:
System clock = 40/60/80 MHz + FM 2 %
Code executed from Flash memory
ADC0 at 16 MHz with DMA enabled
ADC1 at 8 MHz
eMIOS pads toggle in PWM mode with a rate between 100 kHz and 500 kHz
eTPU pads toggle in PWM mode with a rate between 10 kHz and 500 kHz
CAN configured for a bit rate of 500 kHz
DSPI configured in master mode with a bit rate of 2 MHz
eSCI transmission configured with a bit rate of 100 kHz
17. Bypass mode, system clock at 1 MHz (using system clock divider), PLL shut down, CPU running simple executive code,
4 x ADC conversion every 10 ms, 2 × PWM channels at 1 kHz, all other modules stopped.
18. Bypass mode, system clock at 1 MHz (using system clock divider), CPU stopped, PIT running, all other modules stopped.
19. When using the internal regulator only, a bypass capacitor should be connected to this pin. External circuits should not be
powered by the internal regulator. The internal regulator can be used as a reference for an external debugger.
20. Power requirements for each I/O segment are dependent on the frequency of operation and load of the I/O pins on a
particular I/O segment, and the voltage of the I/O segment. See Table 24 for values to calculate power dissipation for
specific operation. The total power consumption of an I/O segment is the sum of the individual power consumptions for
each pin on the segment.
21. Absolute value of current, measured at VIL and VIH.
Table 23. DC electrical specifications (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com