Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA680 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 14Page - STMicroelectronics STA680 Datasheet HTML 15Page - STMicroelectronics STA680 Datasheet HTML 16Page - STMicroelectronics STA680 Datasheet HTML 17Page - STMicroelectronics STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Block diagram and pin description
STA680
18/48
DS5877 Rev 13
Reserved
-
B7, D10, E13,
K12, L5, L6
RB7, RD10,
RE13, RK12,
RL5, RL6
n/a
-
n/a
n/a
Reserved
Unused
A1,A14,
N14,P1,
P2, P13,
P14
A2, A3, A7, A8,
A9, A13, A14,
A15, A16, B1,
B2, B3, B4, B8,
B9, B10, B12,
B13, B14, B15,
B16, B17, C1,
C2, C8, C9,
C10, C12, C15,
C16,D1, D2, D3,
D7, D11, D12,
D16,E1, E2, E3,
E4, E5, E6, E7,
E10, E11, E12,
E15, F1, F2, F3,
F6, F7, F8, F10,
F16, F17, G1,
G2, G3, G4, G5,
G13, G14, G15,
G16, G17, H1,
H2, H3, H4,
H13, H14, H15,
H16, H17,J1, J2,
J13, J14, J15,
J16, J17, K1,
K2, K5, K13,
K15, K17, L1,
L2, L4, L15, L16,
L17, M1, M2,
M5, M6, M7, M8,
M9, M13, M16,
M17, N1, N2,
N5, N6, N7, N8,
N9, N10, N12,
N13, N14, P1,
P2, P3, P4, P16,
R1, R2, R3, R5,
R16, R17, T2,
T3, T5, T16,
T17, U2, U3, U4,
U16
Unused
n/a
-
n/a
n/a
Unused balls have to be left
unconnected or connected
to GND.
Unused balls can be shorted
together but they cannot be
connected to any supply or
other signal trace on the
application PCB.
1. Each input pin has a pull-up/down resistor to its default value. Unless otherwise specified, signal balls not used in
application can be left unconnected after verifying that the impedance value of the pull-up/down resistor (see Table 20) is
sufficient to guarantee noise immunity in user application environment.
Table 2. Ball-out description (continued)
LFBGA
Ball #
TFBGA
Ball #
Signal name
Type
Pull-up
/down(1)
Electrical
Supply
group
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com