Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA680 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics STA680 Datasheet HTML 27Page - STMicroelectronics STA680 Datasheet HTML 28Page - STMicroelectronics STA680 Datasheet HTML 29Page - STMicroelectronics STA680 Datasheet HTML 30Page - STMicroelectronics STA680 Datasheet HTML 31Page - STMicroelectronics STA680 Datasheet HTML 32Page - STMicroelectronics STA680 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
DS5877 Rev 13
29/48
STA680
Digital I/O and memory interfaces
47
5.2
Base-band I2S interface
The STA680 has two digital Base-Band Interfaces (BBI1 and BBI2).
The tuner receives the analog signal from the antenna, samples it, performs down
conversion and channel selection, and transmits the digital base-band stream to the
STA680 by means of BB1 and BB2.
Each BB interface consists of maximum four wires: up to two serial data lines I/Q (or one
single data lines where I and Q data are multiplexed), one bit clock line and one frame clock
line. The serial data is always transmitted with the MSB first and a 16-bit word length. The
complex base-band signal needs to be at zero IF.
Most common data rates are supported by using the internal base-band sample rate
converter. The allowed base-band interface data rates are:
650 kS/s,
675 kS/s,
744.1875 kS/s
912 kS/s.
Table 6. describes the pin functionality of both BBI1 and BBI2.
The base-band interface supports the modes shown in Figure 9 Timing information for the
protocols shown in Figure 9 is detailed in Table 7.
Table 6. Baseband interfaces pin list
Pin name
Designation
Type
BB1_WS
Primary baseband interface word strobe
I
BB1_BCK
Primary baseband interface bit clock
I
BB1_I
Primary baseband interface serial I data (or Primary baseband
data I/Q multiplexed)
I
BB1_Q
Primary baseband interface serial Q data
I
BB2_WS
Secondary baseband interface word strobe
I
BB2_BCK
Secondary baseband interface bit clock
I
BB2_I
Secondary baseband interface serial I data (or Secondary
baseband data I/Q multiplexed)
I
BB2_Q
Secondary baseband interface serial Q data
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com