Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA680 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA680
Description  Automotive HD Radio™ baseband receiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA680 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA680 Datasheet HTML 18Page - STMicroelectronics STA680 Datasheet HTML 19Page - STMicroelectronics STA680 Datasheet HTML 20Page - STMicroelectronics STA680 Datasheet HTML 21Page - STMicroelectronics STA680 Datasheet HTML 22Page - STMicroelectronics STA680 Datasheet HTML 23Page - STMicroelectronics STA680 Datasheet HTML 24Page - STMicroelectronics STA680 Datasheet HTML 25Page - STMicroelectronics STA680 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
General description
STA680
22/48
DS5877 Rev 13
2.3
Dual channel HD 1.5 Radio processing
The STA680 is capable of simultaneously demodulating two different HD Radio streams.
This feature enables the device to decode the main HD Radio audio stream in parallel with
the data service broadcasted by a different radio channel (for instance this feature allows to
continue receiving traffic information provided by one radio station while listening to music
from a different station).
An example of implementation of the dual stream HD Radio processing is shown in
Figure 4.
2.4
Overview of main functional blocks
2.4.1
Adjacent channel filter
This module performs digital filtering of the IBOC channel. It receives the complex base-
band I/Q IBOC signal input from the tuner and pre-conditions the signal for subsequent
modem processing.
2.4.2
HiFi2 core
The HiFi2 is a signal processing engine specifically designed to provide high quality 24-bit
audio processing. The HiFi2 uses the Tensilica Xtensa LX engine with additional useful
hardware capabilities such as:
Specialized instructions for 24-bit Audio MAC & stream coding
Dual MAC (each supports 24 x 24 and 32 x 16 bit format)
Huffman Encode / Decode and truncate functions
Two way Single-Instruction-Multiple-Data arithmetic and logic operations
2.4.3
Vectra core
The Vectra LX is an on-chip, powerful, 32-bit RISC engine optimized for DSP with VLIW
capabilities. The Vectra LX includes eight MAC units, sixteen 160-bit vector operation
registers, and a number of SIMD arithmetic instructions. Custom instructions in the Vectra
are tailored to DSP applications such as filters and FFTs. The Vectra processor has been
further configured with specific instructions for efficient performance on the HD Radio
application.
2.4.4
DMA
A ten-channel DMA controller is attached to the AHB bus to allow the Vectra and HiFi2
processor cores to efficiently move large data-blocks.
2.4.5
Hardware accelerator (VITERBI)
The complex convolutional Viterbi hardware accelerator supports both K constants of 7 and
9, for IBOC digital FM and AM processing respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com