Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2236C Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2236C Datasheet HTML 1Page - Monolithic Power Systems MP2236C Datasheet HTML 2Page - Monolithic Power Systems MP2236C Datasheet HTML 3Page - Monolithic Power Systems MP2236C Datasheet HTML 4Page - Monolithic Power Systems MP2236C Datasheet HTML 5Page - Monolithic Power Systems MP2236C Datasheet HTML 6Page - Monolithic Power Systems MP2236C Datasheet HTML 7Page - Monolithic Power Systems MP2236C Datasheet HTML 8Page - Monolithic Power Systems MP2236C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
5
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 1V, TA = 25°C, unless otherwise noted.
40
50
60
70
80
90
100
0
1
2
3
4
5
6
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 5V, L = 3.3μH, DCR = 11.7mΩ
VIN=7V
VIN=12V
VIN=18V
40
50
60
70
80
90
100
0
1
2
3
4
5
6
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 3.3V, L = 2.2μH, DCR = 8.3mΩ
VIN=5V
VIN=12V
VIN=18V
40
50
60
70
80
90
100
0
1
2
3
4
5
6
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 2.5V, L = 1.5μH, DCR = 6mΩ
VIN=5V
VIN=12V
VIN=18V
40
50
60
70
80
90
100
0
1
2
3
4
5
6
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 1.8V, L = 1.5μH, DCR = 6mΩ
VIN=5V
VIN=12V
VIN=18V
40
50
60
70
80
90
100
0
1
2
3
4
5
6
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 1V, L = 1μH, DCR = 4.3mΩ
VIN=5V
VIN=12V
VIN=18V
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
1
2
3
4
5
6
LOAD CURRENT (A)
Load Regulation
I
OUT = 0.01A to 6A
VIN=5V
VIN=12V
VIN=18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com