Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2236C Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2236C Datasheet HTML 1Page - Monolithic Power Systems MP2236C Datasheet HTML 2Page - Monolithic Power Systems MP2236C Datasheet HTML 3Page - Monolithic Power Systems MP2236C Datasheet HTML 4Page - Monolithic Power Systems MP2236C Datasheet HTML 5Page - Monolithic Power Systems MP2236C Datasheet HTML 6Page - Monolithic Power Systems MP2236C Datasheet HTML 7Page - Monolithic Power Systems MP2236C Datasheet HTML 8Page - Monolithic Power Systems MP2236C Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP2236C
18V, 6A, High-Efficiency, FCCM
Synchronous Step-Down Converter
MP2236C Rev. 1.0
MonolithicPower.com
1
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
DESCRIPTION
The
MP2236C
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter.
The
MP2236C
offers
a
fully
integrated solution that achieves up to 6A of
continuous output current (IOUT), with excellent
load and line regulation across a wide input
supply range.
Constant-on-time
(COT)
control
operation
provides fast transient response. Full protection
features include hiccup over-current protection
(OCP) and thermal shutdown.
The MP2236C requires a minimal number of
readily available, standard external components,
and is available in a space-saving TSOT23-8
package.
FEATURES
• Forced Continuous Conduction Mode
(FCCM)
• Wide 3V to 18V Operating Input Voltage
(VIN) Range
• 6A Continuous Output Current (I
OUT)
• 25mΩ and 12mΩ Low On Resistance
(RDS(ON)) Internal Power MOSFETs
• Default 600mV Reference Voltage (V
FB)
• Adjustable Output Voltage (V
OUT)
• 600kHz Switching Frequency (f
SW)
• On time (t
ON) Extension
• Hiccup Over-Current Protection (OCP)
• Thermal Shutdown Protection
• Available in a TSOT23-8 Package
Optimized Performance with
MPS Inductor MPL-AL6050 Series
APPLICATIONS
• Flat-Panel Televisions and Monitors
• Digital TV Power Supplies
• Digital Set-Top Boxes
• Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
EN
1V/6A
C1
2 x 22µF
28.7k
Ω
43k
Ω
L1
1µH
MP2236C
R1
R2
CBST
EN
VCC
AGND
C2
3 x 22µF
CVCC
0.1µF
1µF
GND
10
Ω
RBST
IN
BST
SW
FB
U1
VIN
VOUT
40
50
60
70
80
90
100
0
1
2
3
4
5
6
LOAD CURRENT (A)
Efficiency vs. Load Current
V
OUT = 3.3V, L = 2.2μH, DCR = 8.3mΩ
VIN=5V
VIN=12V
VIN=18V


Similar Part No. - MP2236C

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233DJ MPS-MP2233DJ Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233DJ MPS-MP2233DJ Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234GJ MPS-MP2234GJ Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results

Similar Description - MP2236C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8760D-L-00A MPS-EV8760D-L-00A Datasheet
344Kb / 8P
High Efficiency, 6A, 18V Synchronous, Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
6A, 18V, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com