Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2236C Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2236C Datasheet HTML 2Page - Monolithic Power Systems MP2236C Datasheet HTML 3Page - Monolithic Power Systems MP2236C Datasheet HTML 4Page - Monolithic Power Systems MP2236C Datasheet HTML 5Page - Monolithic Power Systems MP2236C Datasheet HTML 6Page - Monolithic Power Systems MP2236C Datasheet HTML 7Page - Monolithic Power Systems MP2236C Datasheet HTML 8Page - Monolithic Power Systems MP2236C Datasheet HTML 9Page - Monolithic Power Systems MP2236C Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
6
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1V, TA = 25°C, unless otherwise noted.
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
4
6
8
10
12
14
16
18
INPUT VOLTAGE (V)
Line Regulation
V
IN = 4V to 18V
Io=0.01A
Io=3A
Io=6A
Enabled Supply Current vs.
Input Voltage
VEN = 2V, VFB = 0.63V
0
20
40
60
80
100
120
140
160
180
200
4
6
8
10
12
14
16
18
INPUT VOLTAGE (V)
Disabled Supply Current vs.
Input Voltage
VEN = 0V
Case Temperature Rise vs.
Load Current
VOUT = 3.3V, 4-layer PCB (63.5mmx63.5mm)
0
1
2
3
4
5
6
7
8
9
10
4
6
8
10
12
14
16
18
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
LOAD CURRENT (A)
Input Voltage Threshold vs.
Temperature
EN Threshold vs. Temperature
2
2.2
2.4
2.6
2.8
3
3.2
3.4
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
Rising Threshold
Falling Threshold
0.8
0.9
1
1.1
1.2
1.3
1.4
-40 -20
0
20
40
60
80 100 120 140
TEMPERATURE (°C)
Rising Threshold
Falling Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com