Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840 Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840 Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP9840 Datasheet HTML 18Page - Monolithic Power Systems MP9840 Datasheet HTML 19Page - Monolithic Power Systems MP9840 Datasheet HTML 20Page - Monolithic Power Systems MP9840 Datasheet HTML 21Page - Monolithic Power Systems MP9840 Datasheet HTML 22Page - Monolithic Power Systems MP9840 Datasheet HTML 23Page - Monolithic Power Systems MP9840 Datasheet HTML 24Page - Monolithic Power Systems MP9840 Datasheet HTML 25Page - Monolithic Power Systems MP9840 Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
The
input
voltage
ripple
caused
by
the
capacitance can be estimated with Equation (8):
∆
=
×
× −
×
LOAD
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V
(1
)
fC
V
V
(8)
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage.
Ceramic,
tantalum,
or
low
ESR
electrolytic capacitors are recommended. For
best results, use low ESR capacitors to keep
the output voltage ripple low. The output
voltage ripple can be estimated with Equation
(9):
∆
=
⋅−
⋅
+
×
×
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
f
L
V
8f
C
(9)
Where L is the inductor value, and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency and causes the majority of the output
voltage ripple. For simplification, the output
voltage ripple can be estimated with Equation
(10):
∆
=
× −
×
× ×
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 f
LC
V
(10)
For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated with Equation (11):
∆
=
× −
×
×
OUT
OUT
OUT
ESR
SW
IN
VV
V
(1
) R
fL
V
(11)
The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP9840 can be optimized for a wide range of
capacitance and ESR values.
VIN UVLO Setting
The MP9840 has an internal, fixed, UVLO
threshold. The rising threshold is 2.8V, while
the falling threshold is about
2.65V. For
applications that require a higher UVLO point,
an external resistor divider between VIN and
EN can be used to achieve a higher equivalent
UVLO threshold (see Figure 6).
Figure 6: Adjustable UVLO Using EN Divider
The UVLO threshold can be calculated with
Equation (12) and Equation (13):
EN_RISING
DOWN
UP
RISING
V
R
R
(1
INUV
×
+
=
)
(12)
EN_FALLING
DOWN
UP
FALLING
V
R
R
(1
INUV
×
+
=
)
(13)
Where VEN_RISING is 1.05V, and VEN_FALLING is
0.93V.
External BST Diode and Resistor
An external BST diode can enhance the
efficiency of the regulator when the duty cycle is
high. A power supply between 2.5V and 5V can
be used to power the external bootstrap diode.
VCC or VOUT is recommended to be the power
supply in the circuit (see Figure 7).
CBST
COUT
L
BST
SW
External BST diode
IN4148
VCC / VOUT
VCC
VOUT
RBST
Figure 7: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the recommended BST capacitor
value is 0.1µF to 1μF.
A resistor in series with the BST capacitor (RBST)
can reduce the SW rising rate and voltage
spikes. This helps enhance EMI performance
and reduce the voltage stress at a high VIN. A
higher resistance is better for
SW
spike
reduction but compromises efficiency. To make
a tradeoff between EMI and efficiency, a ≤20Ω
RBST is recommended.
VIN
EN
VIN
RUP
R
DOWN
MP9840 Rev. 1.01
www.MonolithicPower.com
22
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com