Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9840 Datasheet HTML 1Page - Monolithic Power Systems MP9840 Datasheet HTML 2Page - Monolithic Power Systems MP9840 Datasheet HTML 3Page - Monolithic Power Systems MP9840 Datasheet HTML 4Page - Monolithic Power Systems MP9840 Datasheet HTML 5Page - Monolithic Power Systems MP9840 Datasheet HTML 6Page - Monolithic Power Systems MP9840 Datasheet HTML 7Page - Monolithic Power Systems MP9840 Datasheet HTML 8Page - Monolithic Power Systems MP9840 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
ABSOLUTE MAXIMUM RATINGS
(1)
Supply voltage (VINx)..................... -0.3V to 40V
Switch voltage (VSWx) ... -0.3V to VIN (MAX) + 0.3V
BST voltage (VBSTx)....................VSW (MAX) + 6.5V
EN voltage (VENx) ........................... -0.3V to 40V
PG voltage..................................... -0.3V to 40V
BIAS voltage.................................. -0.3V to 20V
All other pins.................................... -0.3V to 6V
Continuous power dissipation (TA = +25°C)
(2)
QFN-16 (3mmx4mm) .................................2.6W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature.................. -65°C to 150°C
Recommended Operating Conditions
Supply voltage (VIN)....................... 3.3V to 36V
Operating junction temp. (TJ) ...-40°C to +125°C
Thermal Resistance
(3)
θJA
θJC
QFN-16 (3mmx4mm) ............ 48....... 11 ... °C/W
NOTES:
1) Absolute maximum ratings are rated under room temperature
unless otherwise noted. Exceeding these ratings may
damage the device.
2) The maximum allowable power dissipation is a function of the
maximum
junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/
θ
JA. Exceeding the maximum allowable power dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) Measured on JESD51-7, 4-layer PCB.
MP9840 Rev. 1.01
www.MonolithicPower.com
3
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com