Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9840
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9840 Datasheet HTML 1Page - Monolithic Power Systems MP9840 Datasheet HTML 2Page - Monolithic Power Systems MP9840 Datasheet HTML 3Page - Monolithic Power Systems MP9840 Datasheet HTML 4Page - Monolithic Power Systems MP9840 Datasheet HTML 5Page - Monolithic Power Systems MP9840 Datasheet HTML 6Page - Monolithic Power Systems MP9840 Datasheet HTML 7Page - Monolithic Power Systems MP9840 Datasheet HTML 8Page - Monolithic Power Systems MP9840 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MP9840
36V, 3.5A, Low IQ,
Synchronous Step-Down Converter
DESCRIPTION
The MP9840 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with built-in power MOSFETs. It offers a very
compact
solution
that
achieves
3.5A
of
continuous output current with excellent load
and line regulation over a wide 3.3V to 36V
input supply range. The switching frequency
can be programmed or synchronized to an
external clock in the range of 350kHz to
2.5MHz. The synchronous operation and ultra-
low
14μA sleep mode quiescent current provide
high efficiency over the output current load
range, allowing the MP9840 to be used in a
variety of step-down applications in automotive
input
environments
and
battery-powered
applications.
Peak-current-mode
operation
provides
fast
transient response and eases loop stabilization.
The excellent low dropout performance allows
the MP9840 to be used in high duty cycle
applications.
Full protection features include over-current
protection (OCP), short-circuit protection (SCP),
and thermal shutdown. An open-drain power
good (PG) signal indicates when the output is
within 10% of its nominal voltage.
The MP9840 is available in a space-saving
QFN-16 (3mmx4mm) package.
FEATURES
• 2
μA Low Shutdown Supply Current
•
14μA No-Load Quiescent Current
• Internal 125
mΩ High-Side and 55mΩ Low-
Side MOSFET
• 350kHz to 2.5MHz Programmable Switching
Frequency
• Power Good (PG) Output
• External Soft Start (SS)
• 80ns Minimum On Time
• Selectable Forced CCM and AAM
• Hiccup Over-Current Protection (OCP)
• Available in a QFN-16 (3mmx4mm)
Package
APPLICATIONS
• Automotive Systems
• Industrial Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VOUT
SW
EN
VIN
BST
MP9840
PHASE
SS
FREQ
SYNC
FB
VCC
PG
BIAS
VIN
GND
OFF ON
MP9840 Rev. 1.01
www.MonolithicPower.com
1
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.


Similar Part No. - MP9840

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
logo
Caddock Electronics, In...
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Zhengzhou Winsen Electr...
MP901 WINSEN-MP901 Datasheet
545Kb / 6P
Air-Quality Gas Sensor
MP905 WINSEN-MP905 Datasheet
783Kb / 7P
Air-Quality Gas Sensor
logo
List of Unclassifed Man...
MP9100 ETC1-MP9100 Datasheet
34Kb / 1P
TO-247 Kool-Pak Power Film Resistor
More results

Similar Description - MP9840

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
MPQ4430 MPS-MPQ4430 Datasheet
2Mb / 30P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4462-AEC1 MPS-MPQ4462-AEC1 Datasheet
925Kb / 20P
3.5A, 4MHz, 36V, Step-Down Converter AEC-Q100 Qualified
MP4410 MPS-MP4410 Datasheet
545Kb / 17P
36V, 100mA Synchronous Step-Down Converter
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
MP4473 MPS-MP4473 Datasheet
752Kb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
MP9473 MPS-MP9473 Datasheet
2Mb / 21P
High-Efficiency, Fast-Transient, 3.5A, 36V Synchronous, Step-Down Converter
EV4420-J-00A MPS-EV4420-J-00A Datasheet
891Kb / 8P
2A, 36V, Synchronous Step Down Converter
EV4430-L-00A MPS-EV4430-L-00A Datasheet
2Mb / 13P
36V, 3.5A, Low Quiescent Current Synchronous Step-Down Convertor Evaluation Board
logo
Maxim Integrated Produc...
MAX17633 MAXIM-MAX17633 Datasheet
1Mb / 23P
4.5V to 36V, 3.5A, High Efficiency, Synchronous Step-Down, DC-DC Converter
Rev 2; 7/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com