Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL-P Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP9840GL-P
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL-P Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP9840GL-P Datasheet HTML 12Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 13Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 14Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 15Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 16Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 17Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 18Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 19Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
BLOCK DIAGRAM
Oscillator
PLL
Reference
Error Amplifier
Control Logic,
OCP,
OTP,
BST Refresh
FB
PGND
SW
BST
VIN
EN
PG
90%xVREF
ISW
+
+
-
SS
+
-
Vref
VCC
VFB
VFB
VCC
VCC
VCC
Regulator
Ireverse
BIAS
FREQ
SYNC
PHASE
AGND
VC
R1
460kΩ
C1
52pF
C2
0.2pF
VCC
VREF
+
-
VFB
110%xVREF
Logic
Figure 1: Functional Block Diagram
MP9840 Rev. 1.01
www.MonolithicPower.com
16
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com