Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL-P Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP9840GL-P
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL-P Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP9840GL-P Datasheet HTML 16Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 17Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 18Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 19Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 20Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 21Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 22Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 23Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
Three events can shut down the chip: EN low,
VIN
low,
and
thermal
shutdown.
In
the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. VCOMP
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command, but its charging path is
disabled.
Power Good (PG) Output
The MP9840 includes an open-drain power
good (PG) output that indicates whether the
regulator output is within ±10% of its nominal
output range. When the output voltage moves
outside of this range, the PG output is pulled to
ground.
MP9840 Rev. 1.01
www.MonolithicPower.com
20
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com