Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP9840GL-P Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP9840GL-P
Description  36V, 3.5A, Low IQ, Synchronous Step-Down Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9840GL-P Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP9840GL-P Datasheet HTML 14Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 15Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 16Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 17Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 18Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 19Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 20Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 21Page - Monolithic Power Systems MP9840GL-P Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
MP9840 – 36V, 3.5A, LOW IQ, SYNC STEP-DOWN CONVERTER
When the HS-FET is on, VIN is about equal to
SW, so the bootstrap capacitor cannot be
charged.
At a higher duty cycle operation condition, the
time period available to the bootstrap charging
is less, so the bootstrap capacitor may not be
charged sufficiently. In case the external circuit
does not have sufficient voltage or time to
charge the bootstrap capacitor, extra external
circuitry can be used to ensure that the
bootstrap voltage is in the normal operation
region.
Low Dropout Operation (BST Refresh)
To improve dropout, the MP9840 is designed to
operate at close to 100% duty cycle for as long
as the BST to SW voltage is greater than 2.5V.
When the voltage from BST to SW drops below
2.5V, the HS-FET is turned off using an under-
voltage lockout (UVLO) circuit, which allows the
LS-FET to conduct and refresh the charge on
the BST capacitor. In DCM or PSM, the LS-FET
is forced on to refresh the BST voltage.
Since the supply current sourced from the BST
capacitor is low, the HS-FET can remain on for
more switching cycles than are required to
refresh the capacitor, making the effective duty
cycle of the switching regulator high.
The effective duty cycle during the dropout of
the regulator is mainly influenced by the voltage
drops across the power MOSFET, inductor
resistance, low-side diode and printed circuit
board resistance.
Internal Regulator
Most of the internal circuitry is powered on by
the 2.6V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 3V, the output of the
regulator is in full regulation. When VIN is lower
than 3V, the output degrades.
For better thermal performance, connect BIAS
to an external 5V source. VCC and the internal
circuit are powered by BIAS. Since there is an
internal diode between BIAS and the internal
circuit, float BIAS or connect BIAS to GND if it
is not being used.
Enable (EN) Control
EN is a digital control pin that turns the
regulator on and off by either the external logic
H/L signal or programming the VIN UVLO (see
Figure 3). When EN is pulled below its
threshold voltage, the MP9840 is put into the
lowest shutdown current mode. Forcing EN
above the EN threshold voltage turns the
MP9840 on. With a high enough VIN, the
MP9840 can be enabled and disabled by EN.
Do not float EN.
EN
VIN
REN1
REN2
Figure 3: Enable Divider Circuit
Programmable Frequency (FREQ)
The
MP9840
oscillating
frequency
is
programmed either by an external resistor
(RFREQ) from FREQ to ground or by a logic level
SYNC signal. The value of RFREQ can be
calculated with Equation (1):
)
(
170000
)
(
11
.
1
kHz
f
k
Ω
R
s
FREQ
=
(1)
The chip can be synchronized to an external
clock ranging from 350kHz up to 2.5MHz
through FREQ/SYNC.
SYNC and PHASE
The
internal
oscillator
frequency
can
be
synchronized to an external clock ranging from
350kHz up to 2.5MHz through SYNC. The
external clock should be at least 250kHz larger
than the RFREQ set frequency. Ensure that the
high amplitude of the SYNC clock is higher than
1.8V and the low amplitude is lower than 0.4V.
There is no pulse width requirement, but there
is always parasitic capacitance of the pad, so if
the pulse width is too short, a clear rising and
falling edge may not be seen due to the
parasitic capacitance. A pulse longer than
100ns
is
recommended
in
application.
MP9840 Rev. 1.01
www.MonolithicPower.com
18
1/23/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com