Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8640 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Datasheet(HTML) 2 Page - Texas Instruments

  LMP8640 Datasheet HTML 1Page - Texas Instruments LMP8640 Datasheet HTML 2Page - Texas Instruments LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LMP8640, LMP8640-Q1, LMP8640HV
SNOSB28G – AUGUST 2010 – REVISED NOVEMBER 2014
www.ti.com
Table of Contents
8.3
Feature Description................................................. 14
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 17
2
Applications ........................................................... 1
9
Application and Implementation ........................ 18
3
Description ............................................................. 1
9.1
Application Information............................................ 18
4
Revision History..................................................... 2
9.2
Typical Application .................................................. 18
5
Device Comparison Table..................................... 3
9.3
Do's and Don'ts ...................................................... 20
6
Pin Configuration and Functions ......................... 3
10
Power Supply Recommendations ..................... 20
7
Specifications......................................................... 4
11
Layout................................................................... 20
7.1
Absolute Maximum Ratings ...................................... 4
11.1
Layout Guidelines ................................................. 20
7.2
Handling Ratings - LMP8640, LMP8640HV.............. 4
11.2
Layout Example .................................................... 21
7.3
Handling Ratings - LMP8640-Q1 .............................. 4
12
Device and Documentation Support ................. 23
7.4
Recommended Operating Conditions(2) ................... 4
12.1
Device Support...................................................... 23
7.5
Thermal Information .................................................. 5
12.2
Documentation Support ........................................ 23
7.6
Electrical Characteristics 2.7 V ................................ 5
12.3
Related Links ........................................................ 23
7.7
Electrical Characteristics 5 V (5)................................ 6
12.4
Trademarks ........................................................... 23
7.8
Electrical Characteristics 12 V (5).............................. 8
12.5
Electrostatic Discharge Caution ............................ 23
7.9
Typical Characteristics ............................................ 10
12.6
Glossary ................................................................ 23
8
Detailed Description ............................................ 14
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 14
Information ........................................................... 23
8.2
Functional Block Diagram ....................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (April 2013) to Revision G
Page
•
New Q Device added to datasheet ........................................................................................................................................ 1
•
Changed data sheet flow and layout to conform with new TI standards. Added the following sections: Application
and Implementation; Power Supply Recommendations; Layout; Device and Documentation Support; Mechanical,
Packaging, and Ordering Information .................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640-Q1 LMP8640HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com